Electronic Components Datasheet Search
  English  ▼

X  

AM1012 Datasheet(PDF) 8 Page - AiT Semiconductor Inc.

Part # AM1012
Description  MOSFET N-CHANNEL 1.8-V (G-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM1012 Datasheet(HTML) 8 Page - AiT Semiconductor Inc.

  AM1012 Datasheet HTML 1Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 2Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 3Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 4Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 5Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 6Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 7Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 8Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM1012
MOSFET
N-CHANNEL 1.8-V (G-S) MOSFET
REV1.0
- SEP 2015 RELEASED -
- 8 -
PACKAGE INFORMATION
Dimension in SC-89 (Unit: mm)
DIM
MILLIMETERS
INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
1.500
1.600
1.700
0.059
0.063
0.067
B
0.750
0.850
0.950
0.030
0.034
0.040
C
0.600
0.700
0.800
0.024
0.028
0.031
D
0.230
0.280
0.330
0.009
0.011
0.013
G
0.500 BSC
0.020 BSC
H
0.530 REF
0.021 REF
J
0.100
0.150
0.200
0.004
0.006
0.008
K
0.300
0.400
0.500
0.012
0.016
0.020
L
1.100 REF
0.043 REF
M
-
-
10°
-
-
10°
N
-
-
10°
-
-
10°
S
1.500
1.600
1.700
0.059
0.063
0.067



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com