Electronic Components Datasheet Search
  English  ▼

X  

TSL252 Datasheet(PDF) 2 Page - Texas Instruments

Part # TSL252
Description  LIGHT-TO-VOLTAGE OPTICAL SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSL252 Datasheet(HTML) 2 Page - Texas Instruments

  TSL252 Datasheet HTML 1Page - Texas Instruments TSL252 Datasheet HTML 2Page - Texas Instruments TSL252 Datasheet HTML 3Page - Texas Instruments TSL252 Datasheet HTML 4Page - Texas Instruments TSL252 Datasheet HTML 5Page - Texas Instruments TSL252 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSL250, TSL251, TSL252
LIGHT-TO-VOLTAGE OPTICAL SENSORS
SOES004C – AUGUST 1991 – REVISED NOVEMBER 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at VDD = 5 V, TA = 25°C, λp = 880 nm, RL = 10 kΩ (unless otherwise noted)
(see Note 3)
PARAMETER
TEST
TSL250
TSL251
TSL252
UNIT
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VD
Dark voltage
Ee = 0
3
10
3
10
3
10
mV
VOM
Maximum output
voltage swing
Ee = 2 mW/cm2
3.1
3.5
3.1
3.5
3.1
3.5
V
Ee = 25 µW/cm2
1
2
3
VO
Output voltage
Ee = 45 µW/cm2
1
2
3
V
Ee = 285 µW/cm2
1
2
3
Temperature
Ee = 25 µW/cm2,
TA = 0°C to 70°C
±1
αvo
Tem erature
coefficient of
output voltage
Ee = 45 µW/cm2,
TA = 0°C to 70°C
±1
mV/
°C
(VO)
Ee = 285 µW/cm2,
TA = 0°C to 70°C
±1
Ne
Irradiance
responsivity
See Note 4
80
45
7
mV/(
µW/cm2)
Ee = 25 µW/cm2
900
1600
IDD
Supply current
Ee = 45 µW/cm2
900
1600
µA
Ee = 285 µW/cm2
900
1600
NOTES:
3. The input irradiance Ee is supplied by a GaAlAs infrared-emitting diode with λp = 880 nm.
4. Irradiance responsivity is characterized over the range VO = 0.05 to 3 V.
operating characteristics at TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
TSL250
TSL251
TSL252
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tr
Output pulse rise time
VDD = 5 V,
λp = 880 nm
360
90
7
µs
tf
Output pulse fall time
VDD = 5 V,
λp = 880 nm
360
90
7
µs
Vn Output noise voltage
VDD = 5 V,
f = 20 Hz
0.6
0.5
0.4
µV/√Hz
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
TEST CIRCUIT
Input
Ee
10%
90%
Output
(see Note B)
tr
TSL25x
RL
VDD
2
1
3
+
–
Output
Pulse
Generator
IRED
(see Note A)
tf
90%
10%
NOTES: A. The input irradiance is supplied by a pulsed GaAlAs infrared-emitting diode with the following characteristics:
λp = 880 nm,
tr < 1 µs, tf < 1 µs.
B. The output waveform is monitored on an oscilloscope with the following characteristics: tr < 100 ns, Zi ≥ 1 MHz, Ci ≤ 20 pF.
Figure 1. Switching Times



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com