Electronic Components Datasheet Search
  English  ▼

X  

TSL252 Datasheet(PDF) 3 Page - Texas Instruments

Part # TSL252
Description  LIGHT-TO-VOLTAGE OPTICAL SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSL252 Datasheet(HTML) 3 Page - Texas Instruments

  TSL252 Datasheet HTML 1Page - Texas Instruments TSL252 Datasheet HTML 2Page - Texas Instruments TSL252 Datasheet HTML 3Page - Texas Instruments TSL252 Datasheet HTML 4Page - Texas Instruments TSL252 Datasheet HTML 5Page - Texas Instruments TSL252 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSL250, TSL251, TSL252
LIGHT-TO-VOLTAGE OPTICAL SENSORS
SOES004C – AUGUST 1991 – REVISED NOVEMBER 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0.001
0.01
0.1
1
10
100
OUTPUT VOLTAGE
vs
IRRADIANCE
0.1
1
10
Ee – Irradiance – µW/cm2
VDD = 5 V
λp = 880 nm
No Load
TA = 25°C
TSL250
TSL251
TSL252
Figure 2
0.4
0
300
500
700
900
PHOTODIODE SPECTRAL RESPONSIVITY
1
1100
0.8
0.6
0.2
λ – Wavelength – nm
TA = 25°C
Figure 3
Figure 4
6
4
3
2
10
45
6
7
8
MAXIMUM OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
9
78
9
5
VDD – Supply Voltage – V
Ee = 2.6 mW/cm2
λp = 880 nm
RL = 10 kΩ
TA = 25°C
Figure 5
0.4
0
01
2
3
1
4
0.8
0.6
0.2
VO – Output Voltage – V
SUPPLY CURRENT
vs
OUTPUT VOLTAGE
VDD = 5 V
No Load
(RL = ∞)
TA = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com