Electronic Components Datasheet Search
  English  ▼

X  

ISO7240CDWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CDWR
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CDWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7240CDWR Datasheet HTML 8Page - Texas Instruments ISO7240CDWR Datasheet HTML 9Page - Texas Instruments ISO7240CDWR Datasheet HTML 10Page - Texas Instruments ISO7240CDWR Datasheet HTML 11Page - Texas Instruments ISO7240CDWR Datasheet HTML 12Page - Texas Instruments ISO7240CDWR Datasheet HTML 13Page - Texas Instruments ISO7240CDWR Datasheet HTML 14Page - Texas Instruments ISO7240CDWR Datasheet HTML 15Page - Texas Instruments ISO7240CDWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
2.2uF
C42
2.2uF
C46
2.2uF
C47
2.2uF
C48
2.2uF
C49
2.2uF
C75
2.2uF
C76
2.2uF
C77
2.2uF
C78
10uF
C79
178K
1%
R53
64.9K
1%
R54
39K2
1%
R55
220R
L11
10uF
C81
100nF
C56
100nF
C57
100nF
C58
100nF
C59
100nF
C60
100nF
C61
100nF
C62
100nF
C63
100nF
C64
100nF
C65
100nF
C66
100nF
C67
220R
L5
10uF
C68
10uF
C69
60R
L3
2.2uF
C27
2.2uF
C29
100nF
C28
100nF
C30
60R
L4
2.2uF
C71
2.2uF
C72
100nF
C73
100nF
C74
100nF
C1
2.2uF
C2
100nF
C5
1K
1%
R3
1uF
C6
1uF
C7
100nF
C9
1uF
C19
0.1R
1%
R11
0.1R
1%
R52
820pF
C25
LMR62421XMFE/NOPB
FB
3
SD
4
SWITCH
1
VIN
5
U12
10K
1%
R14
3.3uH
L6
10uF
C41
30K1
1%
R17
10K
1%
R45
4.7uF
C8
1uF
C22
2.54mm 1x2
1
2
JP6
OPA350EA/250
+IN
3
-IN
2
NC1
1
NC2
5
NC3
8
OUT
6
V+
7
V-
4
U11
OPA350EA/250
+IN
3
-IN
2
NC1
1
NC2
5
NC3
8
OUT
6
V+
7
V-
4
U19
REF5030IDGKT
DNC1
1
DNC2
8
GND
4
NC
7
TEMP
3
TRIM/NR
5
VIN
2
VOUT
6
U13
10uF
C70
GND
+3V3
GND
GND
GND
GND
+3V3
GND
+3V3
GND
GND
+3V3
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
+3V3
GND
GND
+5V
GND
+5V
+5V
GND
GND
+5V
+3V3
VREFHIA
VREFHIB
VDDIO
VDDOSC
VDDA
VDD
+1V2
GND
22uF
C80
1uH
L8
1N5819HW-7-F
D3
VREF
TPS62080ADSGT
EN
1
FB
4
GND
2
MODE
3
PG
6
SW
7
VIN
8
VOS
5
U4
22uF
C23
22uF
C38
Copyright © 2017, Texas Instruments Incorporated
LAUNCHXL-F28379D Hardware
www.ti.com
12
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
Figure 4. P03_Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com