Electronic Components Datasheet Search
  English  ▼

X  

ISO7240CDWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CDWR
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CDWR Datasheet(HTML) 2 Page - Texas Instruments

  ISO7240CDWR Datasheet HTML 1Page - Texas Instruments ISO7240CDWR Datasheet HTML 2Page - Texas Instruments ISO7240CDWR Datasheet HTML 3Page - Texas Instruments ISO7240CDWR Datasheet HTML 4Page - Texas Instruments ISO7240CDWR Datasheet HTML 5Page - Texas Instruments ISO7240CDWR Datasheet HTML 6Page - Texas Instruments ISO7240CDWR Datasheet HTML 7Page - Texas Instruments ISO7240CDWR Datasheet HTML 8Page - Texas Instruments ISO7240CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Introduction
www.ti.com
2
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
1
Supplying the LaunchPad With 3.3 V
..................................................................................... 6
2
Supplying the LaunchPad With 5 V
....................................................................................... 6
3
Positions of Signals Present on Switch S1
............................................................................... 7
4
Revision 2.0: Resistor Selection for Routing Dual-Mapped Signals
.................................................. 7
5
F28379D LaunchPad Pin Out and Pin Mux Options - J1, J3
.......................................................... 8
6
F28379D LaunchPad Pin Out and Pin Mux Options - J4, J2
.......................................................... 8
7
F28379D LaunchPad Pin Out and Pin Mux Options - J5, J7
.......................................................... 9
8
F28379D LaunchPad Pin Out and Pin Mux Options - J8, J6
.......................................................... 9
9
LAUNCHXL-F28379D Bill of Materials
.................................................................................. 20
Trademarks
C2000, LaunchPad, Delfino, Code Composer Studio are trademarks of Texas Instruments.
Windows is a registered trademark of Microsoft Corporation in the United States and/or other countries.
All other trademarks are the property of their respective owners.
1
Introduction
Users can download an unrestricted copy of the latest version of Code Composer Studio™ IDE to write,
download, and debug applications on the LAUNCHXL-F28379D board. The debugger is unobtrusive,
allowing the user to run an application at full speed with hardware breakpoints and available single step
execution while consuming no extra hardware resources.
As shown in Figure 1, the LAUNCHXL-F28379D LaunchPad features include:
•
USB debugging and programming interface via a high-speed galvanically isolated XDS100v2 debug
probe featuring a USB/UART connection
•
Superset TMS320F28379D device
•
Two user LEDs
•
Device reset pushbutton
•
Easily accessible device pins for debugging purposes or as sockets for adding customized extension
boards
•
Dual 5 V quadrature encoder interfaces
•
CAN Interface with integrated transceiver
•
Boot selection switches
•
Differential Amplifier to provide buffered signals to ADCD for 16-bit mode
•
Optional SMA connection points P/N:SMA-J-P-H-ST-EM1
•
Four Sigma Delta demodulator inputs brought to the BP headers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com