Electronic Components Datasheet Search
  English  ▼

X  

HT9172 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT9172
Description  DTMF Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9172 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT9172 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HT9172
Rev. 1.00
5
March 30, 2006
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
1
2
3
4
5
6
7
8
9
V D D
R T / G T
E S T
D V
D 3
D 2
D 1
D 0
O E
V P
V N
G S
V R E F
I N H
P W D N
X 1
X 2
V S S
H T 9 1 7 2
0 . 1 m F
3 0 0 k W
V D D
3 . 5 7 9 5 4 5 M H z
1 0 0 k W
1 0 0 k W
0 . 1 m F
T o n e
2 0 p F
2 0 p F
0 . 1 m F
Figure 1. Test Circuit
Functional Description
Overview
The HT9172 tone decoder consists of three band pass
filters and two digital decode circuits to convert a DTMF
tone into a digital code output.
The device contains an operational amplifier to adjust
the input signal level as shown in Figure 2.
The pre-filter is a band rejection filter which will reject
frequencies between 350Hz to 400Hz.
The low group filter, filters the low group frequency sig-
nal output whereas the high group filter, filters the high
group frequency signal output.
Each filter output is followed by a zero-crossing detector
with incorporates hysteresis. When the signal amplitude
at the output exceeds a specified level, it is transferred
to a full swing logic signal.
When the input signal is recognized as an effective
DTMF tone, the DV line will go high, and the corre-
sponding DTMF tone code will be generated.
Steering Control Circuit
The steering control circuit is used to measure the effec-
tive signal duration and for protecting against valid sig-
nal drop out. This is achieved using an analog delay
which is implemented using an external RC time-con-
stant, controlled by the output line EST.
The timing diagram is shown in Figure 3. The EST pin is
normally low and will pull the RT/GT pin low via the ex-
ternal RC network. When a valid tone input is detected,
the EST pin will go high, which will in turn pull the RT/GT
pin high through the RC network.
When the voltage on RT/GT rises from 0 to VTRT, which
is 2.35V for a 5V power supply, the input signal is effec-
tive, and the corresponding code will be generated by
the code detector. After D0~D3 have been latched, DV
will go high. When the voltage on RT/GT falls from VDD
to VTRT, i.e. when there is no input tone, the DV output
will go low, and D0~D3 will maintain their present data
until a next valid tone input is produced.
By selecting suitable external RC values, the minimum
acceptable input tone duration, tACC, and the minimum
acceptable inter-tone rejection, tIR, can be set. The values
of the external RC components, can be chosen using the
following formula. Also refer to Figure 5 for details.
tACC=tDP+tGTP;
tIR=tDA+tGTA;
where
tACC: Tone duration acceptable time
tDP: EST output delay time (
²L²®²H²)
tGTP: Tone present time
tIR: Inter-digit pause rejection time
( a ) S t a n d a r d I n p u t C i r c u i t
V N
G S
V R E F
C 2
R 2
R 5
( b ) D i f f e r e n t i a l I n p u t C i r c u i t
V P
R 4
R 3
C 1
R 1
V i 1
V i 2
V N
G S
V R E F
H T 9 1 7 2
C
R 1
R F
V P
V i
H T 9 1 7 2
Figure 2. Amplifier Input Application Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com