Electronic Components Datasheet Search
  English  ▼

X  

HT9172 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9172
Description  DTMF Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9172 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9172 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
A.C. Characteristics
fOSC=3.5795MHz, Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
DTMF Signal
Input Signal Level
3V
-36
¾-6
dBm
5V
-29
¾
1
Twist Accept Limit (Positive)
5V
¾
10
¾
dB
Twist Accept Limit (Negative)
5V
¾
10
¾
dB
Dial Tone Tolerance
5V
¾
18
¾
dB
Noise Tolerance
5V
¾-12
¾
dB
Third Tone Tolerance
5V
¾-16
¾
dB
Frequency Deviation Acceptance
5V
¾¾
±1.5
%
Frequency Deviation Rejection
5V
±3.5
¾¾
%
tPU
Power Up Time (See Figure 4.)
5V
¾
30
¾
ms
Gain Setting Amplifier
RIN
Input Resistance
5V
¾¾
10
¾
M
W
IIN
Input Leakage Current
5V
VSS<(VVP,VVN)<VDD
¾
0.1
¾mA
VOS
Offset Voltage
5V
¾¾
±25
¾
mV
PSRR
Power Supply Rejection
5V
100 Hz
-3V<VIN<3V
¾
60
¾
dB
CMRR
Common Mode Rejection
5V
¾
60
¾
dB
AVO
Open Loop Gain
5V
¾
65
¾
dB
fT
Gain Band Width
5V
¾¾
1.5
¾
MHz
VOUT
Output Voltage Swing
5V
RL>100k
W¾
4.5
¾
VPP
RL
Load Resistance (GS)
5V
¾¾
50
¾
k
W
CL
Load Capacitance (GS)
5V
¾¾
100
¾
pF
VCM
Common Mode Range
5V
No load
¾
3.0
¾
VPP
Steering Control
tDP
Tone Present Detection Time
5V
5
11
14
ms
tDA
Tone Absent Detection Time
5V
¾
4
8.5
ms
tACC
Acceptable Tone Duration
5V
¾¾
42
ms
tREJ
Rejected Tone Duration
5V
20
¾¾
ms
tIA
Acceptable Inter-digit Pause
5V
¾¾
42
ms
tIR
Rejected Inter-digit Pause
5V
20
¾¾
ms
tPDO
Propagation Delay (RT/GT to DO)
5V
¾
811
ms
tPDV
Propagation Delay (RT/GT to DV)
5V
¾
12
¾ms
tDOV
Output Data Set Up (DO to DV)
5V
¾
4.5
¾ms
tDDO
Disable Delay (OE to DO)
5V
¾
300
¾
ns
tEDO
Enable Delay (OE to DO)
5V
¾
50
60
ns
Note: DO=D0~D3
HT9172
Rev. 1.00
4
March 30, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com