Electronic Components Datasheet Search
  English  ▼

X  

CC1020 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # CC1020
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020 Datasheet(HTML) 89 Page - Texas Instruments

Back Button CC1020 Datasheet HTML 83Page - Texas Instruments CC1020 Datasheet HTML 84Page - Texas Instruments CC1020 Datasheet HTML 85Page - Texas Instruments CC1020 Datasheet HTML 86Page - Texas Instruments CC1020 Datasheet HTML 87Page - Texas Instruments CC1020 Datasheet HTML 88Page - Texas Instruments CC1020 Datasheet HTML 89Page - Texas Instruments CC1020 Datasheet HTML 90Page - Texas Instruments CC1020 Datasheet HTML 91Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 89 / 91 page
background image
CC1020
SWRS046
Page 89 of 92
27.5. Plastic Tube Specification
QFN 7x7 mm antistatic tube.
Tube Specification
Package
Tube Width
Tube Height
Tube Length
Units per Tube
QFN 32
8.5
± 0.2 mm
2.2 +0.2/-0.1 mm
315
± 1.25 mm
43
27.6. Carrier Tape and Reel Specification
Carrier tape and reel is in accordance with EIA Specification 481.
Tape and Reel Specification
Package
Tape Width
Component
Pitch
Hole
Pitch
Reel
Diameter
Units per Reel
QFN 32
16 mm
12 mm
4 mm
13”
4000
28.
Ordering Information
Ordering part number
Description
MOQ
1123
CC1020-RTB1
CC1020, QFN32 package, RoHS compliant Pb-free assembly,
tubes with 43 pcs per tube, Single Chip RF Transceiver.
43
1126
CC1020-RTR1
CC1020, QFN32 package, RoHS compliant Pb-free assembly,
T&R with 4000 pcs per reel, Single Chip RF Transceiver.
4000
1115
CC1020_1070DK-433
CC1020/1070 Development Kit, 433 MHz
1
1116
CC1020_1070DK-868/915
CC1020/1070 Development Kit, 868/915 MHz
1
1158
CC1020SK RoHS
CC1020 Sample Kit, QFN32 package, RoHS compliant Pb-
free assembly, 5 pcs
1
MOQ = Minimum Order Quantity
T&R = tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com