Electronic Components Datasheet Search
  English  ▼

X  

CC1020 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC1020
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC1020 Datasheet HTML 9Page - Texas Instruments CC1020 Datasheet HTML 10Page - Texas Instruments CC1020 Datasheet HTML 11Page - Texas Instruments CC1020 Datasheet HTML 12Page - Texas Instruments CC1020 Datasheet HTML 13Page - Texas Instruments CC1020 Datasheet HTML 14Page - Texas Instruments CC1020 Datasheet HTML 15Page - Texas Instruments CC1020 Datasheet HTML 16Page - Texas Instruments CC1020 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
CC1020
SWRS046
Page 13 of 92
4.6.
Frequency Synthesizer Section
Parameter
Min
Typ
Max
Unit
Condition / Note
Phase noise, 402 – 470 MHz
12.5 kHz channel spacing
-90
-100
-105
-110
-114
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Unmodulated carrier
At 12.5 kHz offset from carrier
At 25 kHz offset from carrier
At 50 kHz offset from carrier
At 100 kHz offset from carrier
At 1 MHz offset from carrier
Measured using loop filter
components given in Table 13.
The phase noise will be higher for
larger PLL loop filter bandwidth.
Phase noise, 804 – 940 MHz
25 kHz channel spacing
-85
-95
-101
-109
-118
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Unmodulated carrier
At 12.5 kHz offset from carrier
At 25 kHz offset from carrier
At 50 kHz offset from carrier
At 100 kHz offset from carrier
At 1 MHz offset from carrier
Measured using loop filter
components given in Table 13.
The phase noise will be higher for
larger PLL loop filter bandwidth.
PLL loop bandwidth
12.5 kHz channel spacing, 433 MHz
25 kHz channel spacing, 868 MHz
2.7
8.3
kHz
kHz
After PLL and VCO calibration.
The PLL loop bandwidth is
programmable.
PLL lock time (RX / TX turn time)
12.5 kHz channel spacing, 433 MHz
25 kHz channel spacing, 868 MHz
500 kHz channel spacing
900
640
14
us
us
us
307.2 kHz frequency step to RF
frequency within ±10% of channel
spacing. Depends on loop filter
component values and PLL_BW
register setting. See Table 26 on
page 53 for more details.
PLL turn-on time. From power down
mode with crystal oscillator running.
12.5 kHz channel spacing, 433 MHz
25 kHz channel spacing, 868 MHz
500 kHz channel spacing
3.2
2.5
700
ms
ms
us
Time from writing to registers to
RF frequency within ±10% of
channel spacing. Depends on
loop filter component values and
PLL_BW register setting. See
Table 25 on page 53 for more
details.
Table 8. Frequency synthesizer parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com