Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM73
Description  2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM73 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM73 Datasheet HTML 10Page - National Semiconductor (TI) LM73 Datasheet HTML 11Page - National Semiconductor (TI) LM73 Datasheet HTML 12Page - National Semiconductor (TI) LM73 Datasheet HTML 13Page - National Semiconductor (TI) LM73 Datasheet HTML 14Page - National Semiconductor (TI) LM73 Datasheet HTML 15Page - National Semiconductor (TI) LM73 Datasheet HTML 16Page - National Semiconductor (TI) LM73 Datasheet HTML 17Page - National Semiconductor (TI) LM73 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
2.0 LM73 Registers (Continued)
2.2 TEMPERATURE DATA REGISTER
Pointer Address 00h (Read Only)
Reset State: 7FFCh (+255.96875˚C)
One-Shot State: 8000h (-256˚C)
D15
D14
D13
D12
D11
D10
D9
D8
SIGN
128˚C
64˚C
32˚C
16˚C
8˚C
4˚C
2˚C
D7
D6
D5
D4
D3
D2
D1
D0
1˚C
0.5˚C
0.25˚C
0.125˚C
0.0625˚C
0.03125˚C
reserved
reserved
Bits
Name
Description
15:2
Temperature Data
Represents the temperature that was measured by the most recent temperature conversion.
On Power-up, this data is invalid until the Data Available (DAV) bit in the Control/Status
register is high (after the completion of the first temperature conversion). The resolution is
user-progammable from 11-bit resolution (0.25˚C/LSB) through 14-bit resolution
(0.03125˚C/LSB). The desired resolution is programmed with bits 5 and 6 of the
Control/Status register.
1:0
Not Used
Return zeros upon read.
2.3 CONFIGURATION REGISTER
Pointer Address 01h (R/W)
Reset State: 40h
D7
D6
D5
D4
D3
D2
D1
D0
PD
reserved
ALRT EN
ALRT POL
ALRT RST
ONE SHOT
reserved
Bits
Name
Description
7
Full Power Down
Writinga1to this bit puts the LM73 in shutdown mode for power conservation. Writing a 0
puts the LM73 into normal mode.
6
reserved
User must write onlya1to this bit
5
ALERT Enable
A 0 in this location enables the ALERT output. A 1 disables it. This bit also controls the
ALERT Status bit (the Control/Status Register, Bit 3) since that bit reflects the state of the
Alert pin.
4
ALERT Polarity
When set to 1, the ALERT pin and ALERT Status bit are active-high. When 0, it is
active-low.
3
ALERT Reset
Writinga1to this bit resets the ALERT pin and the ALERT Status bit. It will always be 0
when read.
2
One Shot
When in shutdown mode (Bit 7 is 1), initiates a single temperature conversion and update of
the temperature register with new temperature data. Has no effect when in continuous
conversion mode (i.e., when Bit 7 is 0). Always returns a 0 when read.
1:0
Reserved
User must write onlya0to these bits.
2.4 T
HIGH UPPER-LIMIT REGISTER
Pointer Address 02h (R/W)
Reset State: 7FE0h (+255.75˚C)
D15
D14
D13
D12
D11
D10
D9
D8
SIGN
128˚C
64˚C
32˚C
16˚C
8˚C
4˚C
2˚C
D7
D6
D5
D4
D3
D2
D1
D0
1˚C
0.5˚C
0.25˚C
reserved
Bits
Name
Description
15:5
Upper-Limit
Temperature
If the measured temperature that is stored in this register exceeds this user-programmable
upper temperature limit, the ALERT pin will go active and the THIGH flag in the
Control/Status register will be set to 1. Two’s complement format.
4:0
Reserved
Returns zeros upon read. Recommend writing zeros only in these bits.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com