Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM73
Description  2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM73 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM73 Datasheet HTML 10Page - National Semiconductor (TI) LM73 Datasheet HTML 11Page - National Semiconductor (TI) LM73 Datasheet HTML 12Page - National Semiconductor (TI) LM73 Datasheet HTML 13Page - National Semiconductor (TI) LM73 Datasheet HTML 14Page - National Semiconductor (TI) LM73 Datasheet HTML 15Page - National Semiconductor (TI) LM73 Datasheet HTML 16Page - National Semiconductor (TI) LM73 Datasheet HTML 17Page - National Semiconductor (TI) LM73 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
2.0 LM73 Registers (Continued)
2.5 T
LOW LOWER-LIMIT REGISTER
Pointer Address 03h (R/W)
Reset State: 8000h (–256˚C)
D15
D14
D13
D12
D11
D10
D9
D8
SIGN
128˚C
64˚C
32˚C
16˚C
8˚C
4˚C
2˚C
D7
D6
D5
D4
D3
D2
D1
D0
1˚C
0.5˚C
0.25˚C
reserved
Bits
Name
Description
15:5
Lower-Limit
Temperature
If the measured temperature that is stored in the temperature register falls below this
user-programmable lower temperature limit, the ALERT pin will be deactivated and the T
LOW
flag in the Control/Status register will be set to 1. Two’s complement format.
4:0
Reserved
Returns zeros upon read. Recommend writing zeros only in these bits.
2.6 CONTROL/STATUS REGISTER
Pointer Address 04h (R/W)
Reset State: 08h
D7
D6
D5
D4
D3
D2
D1
D0
TO_DIS
RES1
RES0
reserved
ALRT_STAT
THI
TLOW
DAV
Bits
Name
Description
7
Time-Out Disable
Disable the time-out feature on the SMBDAT and SMBCLK lines if set to 1. Setting this bit
turns off the bus-idle timers, enabling the LM73 to operate at lowest shutdown current.
6:5
Temperature
Resolution
Selects one of four user-programmable temperature data resolutions
00: 0.25˚C/LSB, 11-bit word (10 bits plus sign)
01: 0.125˚C/LSB, 12-bit word (11 bits plus sign)
10: 0.0625˚C/LSB, 13-bit word (12 bits plus sign)
11: 0.03125˚C/LSB, 14-bit word (13 bits plus sign)
4
reserved
Always returns zero when read. Recommend customer write zero only.
3
ALERT Pin Status
Value is 0 when ALERT output is low. Value is 1 when ALERT output is high. The ALERT
output is reset under any of the following conditions: (1) Cleared by writinga1tothe ALERT
Reset bit in the configuration register, (2) Measured temperature falls below the T
LOW limit,
or (3) cleared via the ARA sequence. Recommend customer write zero only.
2
Temperature High
Flag
Bit is set to 1 when the measured temperature exceeds the T
HIGH limit stored in the
programmable T
HIGH register. Flag is reset to 0 when both of the following conditions are
met: (1) measured temperature no longer exceeds the programmed T
HIGH limit and (2) upon
reading the Control/Status register. If the temperature is not longer above the T
HIGH limit, this
status bit remains set until it is read by the master so that the system can check the history
of what caused the ALERT output to go active. This bit is not cleared after every read if the
measured temperature is still above the T
HIGH limit.
1
Temperature Low
Flag
Bit is set to 1 when the measured temperature falls below the T
LOW limit stored in the
programmable T
LOW register. Flag is reset to 0 when both of the following conditions are
met: (1) measured temperature is no longer below the programmed T
LOW limit and (2) upon
reading the Control/Status register. If the temperature is no longer below the T
LOW limit, the
status bit remains set until it is read by the master so that the system can check the history
of what cause the ALERT output to go active. This bit is not cleared after every read if
temperature is still below T
LOW limit.
0
Data Available Flag
This bit is 0 when the LM73 is in the process of converting a new temperature. It is 1 when
the conversion is done. After initiating a temperature conversion while operating in the
one-shot mode, this status bit can be monitored to indicate when the conversion is done.
After triggering the one-shot conversion, the data in the temperature register is invalid until
this bit is high (that is, after completion of the conversion). On power-up, the LM73 is in
continuous conversion mode; while in continuous conversion mode (the default mode after
power-on reset) this bit will always be high. Recommend customer write zero only.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com