Electronic Components Datasheet Search
  English  ▼

X  

LPS22CH Datasheet(PDF) 1 Page - STMicroelectronics

Part # LPS22CH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH Datasheet(HTML) 1 Page - STMicroelectronics

  LPS22CH Datasheet HTML 1Page - STMicroelectronics LPS22CH Datasheet HTML 2Page - STMicroelectronics LPS22CH Datasheet HTML 3Page - STMicroelectronics LPS22CH Datasheet HTML 4Page - STMicroelectronics LPS22CH Datasheet HTML 5Page - STMicroelectronics LPS22CH Datasheet HTML 6Page - STMicroelectronics LPS22CH Datasheet HTML 7Page - STMicroelectronics LPS22CH Datasheet HTML 8Page - STMicroelectronics LPS22CH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
This is information on a product in full production.
August 2020
DocID033100 Rev 2
1/55
LPS22CH
High-performance MEMS nano pressure sensor:
260-1260 hPa absolute digital output barometer
Datasheet
- production data
Features
 260 to 1260 hPa absolute pressure range
 Current consumption down to 4 μA
 Low pressure sensor noise: 0.75 Pa
 Relative pressure accuracy: 10 Pa
 Embedded temperature compensation
 24-bit pressure data output
 ODR from 1 Hz to 200 Hz
 SPI, I²C interfaces
 Embedded FIFO
 Interrupt functions: Data-Ready, FIFO flags,
pressure thresholds
 Supply voltage: 1.7 to 3.6 V
 High shock survivability: 22,000 g
 Small and thin package
 ECOPACK lead-free compliant
Applications
 Altimeters and barometers for portable devices
 GPS applications
 Weather station equipment
 Sport watches
 e-cigarettes
 Gas metering
Description
The LPS22CH is an ultra-compact piezoresistive
absolute pressure sensor which functions as a
digital output barometer. The device comprises a
sensing element and an IC interface which
communicates through I²C or SPI from the
sensing element to the application.
The sensing element, which detects absolute
pressure, consists of a suspended membrane
manufactured using a dedicated process
developed by ST.
The LPS22CH is available in a full-mold, holed
LGA package (HLGA). It is guaranteed to operate
over a temperature range extending from -40 °C
to +85 °C. The package is holed to allow external
pressure to reach the sensing element.
HLGA-10L
(2.0 x 2.0 x 0.76 mm)
Table 1. Device summary
Order code
Temperature range [°C]
Package
Packing
LPS22CHTR
-40 to +85°C
HLGA-10L
Tape and reel
www.st.com


Similar Part No. - LPS22CH

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS22 ASTEC-LPS22 Datasheet
77Kb / 3P
25 Watts
logo
Emerson Network Power
LPS22 EMERSON-NETWORKPOWER-LPS22 Datasheet
99Kb / 3P
Universal input
logo
Artesyn Technologies
LPS22 ARTESYN-LPS22 Datasheet
709Kb / 3P
Total Power: 25 - 40 Watts
logo
Astec America, Inc
LPS22-T ASTEC-LPS22-T Datasheet
77Kb / 3P
25 Watts
logo
Emerson Network Power
LPS22-T EMERSON-NETWORKPOWER-LPS22-T Datasheet
99Kb / 3P
Universal input
More results

Similar Description - LPS22CH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS331AP STMICROELECTRONICS-LPS331AP Datasheet
447Kb / 36P
MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
29-Mar-2012
LPS001WP STMICROELECTRONICS-LPS001WP Datasheet
377Kb / 30P
MEMS pressure sensor 300-1100 mbar absolute digital output barometer
05-Nov-2010
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
LPS33HW STMICROELECTRONICS-LPS33HW Datasheet
1Mb / 50P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
25-Jul-2017
LPS27HHTW STMICROELECTRONICS-LPS27HHTW Datasheet
1Mb / 55P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
Rev 1 - January 2021
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
1Mb / 54P
Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
30-Sep-2021
LPS27HHW STMICROELECTRONICS-LPS27HHW Datasheet
1Mb / 60P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
31-Jul-2019
LPS33K STMICROELECTRONICS-LPS33K Datasheet
1Mb / 31P
MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
20-May-2020
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
04-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com