Electronic Components Datasheet Search
  English  ▼

X  

TUHS Datasheet(PDF) 14 Page - COSEL CO., LTD.

Part # TUHS
Description  AC-DC Power Supplies PCB Mount Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

TUHS Datasheet(HTML) 14 Page - COSEL CO., LTD.

Back Button TUHS Datasheet HTML 6Page - COSEL CO., LTD. TUHS Datasheet HTML 7Page - COSEL CO., LTD. TUHS Datasheet HTML 8Page - COSEL CO., LTD. TUHS Datasheet HTML 9Page - COSEL CO., LTD. TUHS Datasheet HTML 10Page - COSEL CO., LTD. TUHS Datasheet HTML 11Page - COSEL CO., LTD. TUHS Datasheet HTML 12Page - COSEL CO., LTD. TUHS Datasheet HTML 13Page - COSEL CO., LTD. TUHS Datasheet HTML 14Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
0
20
40
60
80
Convection(0.2m/s)
1
TUHS25F05
2
TUHS25F12,TUHS25F24
3
TUHS25F15
100
0
2
10
0
0
Ambient temperature[C]
40
-40
-20
60
80
85
1
2
3
75 85
0
20
40
60
80
Forced air(2.0m/s)
1
TUHS25F05,TUHS25F15
2
TUHS25F12,TUHS25F24
75
100
0
2
1
0
00
Ambient temperature[C]
40
-40
-20
60
80
¿
TUHS25F Ambient temperature derating curve
at convection cooling (Reference value)
¿
TUHS25F Ambient temperature derating curve
at forced air (Reference value)
TUHS-14
◆
It is neccessary to read the “Instruction Manual” and “Before using our product” before you use our product.
Instruction Manual
https://en.cosel.co.jp/product/powersupply/TUHS/
Before using our product
https://en.cosel.co.jp/technical/caution/index.html
Instruction Manual
NOTICE
TUHS
Derating
¡
Derating curve is shown below. Note: In the hatched area, the specification of Ripple, Ripple Noise is different from other area.
¡
Please have sufficient ventilation to keep the temperature of point A in Instruction Manual6. Please also make sure that the ambient tem-
perature does not exceed 85C.
Model
Circuit method
Switching
frequency
[kHz]
Input
current
[A]
Inrush
current
protection
circuit
PCB/Pattern
Series/Parallel
operation availability
Material
Single
sided
Double
sided
Series
operation
Parallel
operation
TUHS3F
Flyback converter 80-250 *3
*
1
Resistor glass fabric base,epoxy resin
Yes
Yes
*
2
TUHS5F
Flyback converter 80-250 *3
*
1
Resistor glass fabric base,epoxy resin
Yes
Yes
*
2
TUHS10F Flyback converter 80-250 *3
*
1
Resistor glass fabric base,epoxy resin
Yes
Yes
*
2
TUHS15F Flyback converter 80-250 *3
*
1
Resistor glass fabric base,epoxy resin
Yes
Yes
*
2
TUHS25F Flyback converter 80-250 *3
*
1
Thermistor glass fabric base,epoxy resin
Yes
Yes
*
2
*1 Refer to Specification.
*2 Refer to instruction manual.
*3 The value changes depending on input and load.
Basic Characteristics Data
TUHS-series
January 31, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com