Electronic Components Datasheet Search
  English  ▼

X  

TUHS Datasheet(PDF) 3 Page - COSEL CO., LTD.

Part # TUHS
Description  AC-DC Power Supplies PCB Mount Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

TUHS Datasheet(HTML) 3 Page - COSEL CO., LTD.

  TUHS Datasheet HTML 1Page - COSEL CO., LTD. TUHS Datasheet HTML 2Page - COSEL CO., LTD. TUHS Datasheet HTML 3Page - COSEL CO., LTD. TUHS Datasheet HTML 4Page - COSEL CO., LTD. TUHS Datasheet HTML 5Page - COSEL CO., LTD. TUHS Datasheet HTML 6Page - COSEL CO., LTD. TUHS Datasheet HTML 7Page - COSEL CO., LTD. TUHS Datasheet HTML 8Page - COSEL CO., LTD. TUHS Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TUHS-3
TUHS3
External view
(TOP VIEW)
¶ Tolerance : ±0.5 [±0.02]
¶ Weight : 15g max
¶ Case material : PBT
¶ Pin material : Copper
¶ Plating treatment of pin : Lead free plating
¶ Dimensions in mm, [ ]=inches
Name Plate
[0.2]
5.08
[0.95]
24.1
-BC
+BC
+Vout
-Vout
AC1
AC2
1±0.1
24.1
5.08
2.3
[0.09]
28.7
[0.95]
[0.2]
[1.13]
¶ Div. : 0.2inch
¶ Dimensions in :
[inch]
mm
¶Recommending size for processing PCB
January 31, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com