Electronic Components Datasheet Search
  English  ▼

X  

RHFLVDSR2D2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHFLVDSR2D2
Description  Rad-hard dual LVDS driver-receiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDSR2D2 Datasheet(HTML) 1 Page - STMicroelectronics

  RHFLVDSR2D2 Datasheet HTML 1Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 2Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 3Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 4Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 5Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 6Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 7Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 8Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
March 2015
DocID025372 Rev 3
1/17
RHFLVDSR2D2
Rad-hard dual LVDS driver-receiver
Datasheet
- production data
Features
 Dual drivers, TTL compatible inputs/LVDS
outputs
 Dual receivers, LVDS inputs/TTL compatible
outputs
 Individual Enable/Disable function with high-
impedance
 ANSI TIA/EIA-644 compliant
 400 Mbps (200 MHz)
 Cold spare on all pins
 Fail-safe function
 3.3 V operating power supply
 4.8 V absolute rating
 Power consumption: 50 mW at 3.3 V
 Hermetic package
 Large input common mode: -4 V to +5 V
 Guaranteed up to 300 krad TID
 SEL immune up to 135 MeV.cm²/mg
 SET/SEU immune up to 32 MeV.cm²/mg
Description
Dual low voltage differential signaling (LVDS),
driver receiver designed, packaged and qualified
for use in aerospace environments in a low-power
and fast-transmission standard, and operating at
3.3 V power supply (3.6 V max operating and
4.8 V AMR). The RHFLVDSR2D2 operates over a
controlled impedance of 100-ohm transmission
media that may be printed circuit board traces,
back planes, or cables.
The circuit features an internal fail-safe function to
ensure a known state in case of an input short
circuit or floating input. All pins have cold spare
buffers to ensure they are in high impedance
when VCC is tied to GND.
The RHFLVDSR2D2 can operate over a large
temperature range of -55 °C to +125 °C and it is
housed in an hermetic Ceramic Flat-18 package.
Ceramic Flat-18
The upper metallic lid is
electrically connected to ground
Table 1. Device summary
Reference
SMD pin
Quality level
Package
Lead
finish
Mass
EPPL(1)
1.
EPPL = ESA preferred part list
Temp. range
RHFLVDSR2D2K1
-
Engineering
model
Ceramic
Flat-18
Gold
0.8 g
-
-55 °C to
125 °C
RHFLVDSR2D2K01V
5962F0620202
QML-V flight
Target
www.st.com


Similar Part No. - RHFLVDSR2D2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFLVDS2281 STMICROELECTRONICS-RHFLVDS2281 Datasheet
393Kb / 17P
Rad-hard, dual 4x4 crosspoint switch LVDS
04-Mar-2015
RHFLVDS2281K01V STMICROELECTRONICS-RHFLVDS2281K01V Datasheet
393Kb / 17P
Rad-hard, dual 4x4 crosspoint switch LVDS
04-Mar-2015
RHFLVDS2281K1 STMICROELECTRONICS-RHFLVDS2281K1 Datasheet
393Kb / 17P
Rad-hard, dual 4x4 crosspoint switch LVDS
04-Mar-2015
RHFLVDS228A STMICROELECTRONICS-RHFLVDS228A Datasheet
374Kb / 16P
Rad-hard, dual 4x4 crosspoint switch LVDS
29-Oct-2013
RHFLVDS228AK01V STMICROELECTRONICS-RHFLVDS228AK01V Datasheet
374Kb / 16P
Rad-hard, dual 4x4 crosspoint switch LVDS
29-Oct-2013
More results

Similar Description - RHFLVDSR2D2

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5911 MSK-MSK5911 Datasheet
293Kb / 7P
DUAL RAD HARD /- VOLTAGE REGULATOR
logo
STMicroelectronics
RHFLVDS325 STMICROELECTRONICS-RHFLVDS325 Datasheet
312Kb / 15P
Rad-hard quad LVDS receiver
21-Oct-2015
RHFLVDS2281 STMICROELECTRONICS-RHFLVDS2281 Datasheet
393Kb / 17P
Rad-hard, dual 4x4 crosspoint switch LVDS
04-Mar-2015
RHFLVDS32A STMICROELECTRONICS-RHFLVDS32A Datasheet
408Kb / 15P
Rad-hard quad LVDS receivers
04-Mar-2015
RHFLVDS228A STMICROELECTRONICS-RHFLVDS228A Datasheet
374Kb / 16P
Rad-hard, dual 4x4 crosspoint switch LVDS
29-Oct-2013
RHFLVDS315 STMICROELECTRONICS-RHFLVDS315 Datasheet
302Kb / 15P
Rad-hard quad LVDS driver
21-Oct-2015
logo
Anaren Microwave
MSK6000RH ANAREN-MSK6000RH Datasheet
655Kb / 7P
RAD HARD DUAL HIGH SIDE DRIVER WITH CURRENT SENSE
logo
STMicroelectronics
LEOLVDSRD STMICROELECTRONICS-LEOLVDSRD Datasheet
795Kb / 23P
Rad-hard plastic LVDS driver-receiver
15-Jun-2022
RHFLVDS31A STMICROELECTRONICS-RHFLVDS31A Datasheet
385Kb / 15P
Rad-hard quad LVDS driver
28-Apr-2017
RHRPM4424 STMICROELECTRONICS-RHRPM4424 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual low-side MOSFET driver
07-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com