Electronic Components Datasheet Search
  English  ▼

X  

RHFLVDSR2D2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # RHFLVDSR2D2
Description  Rad-hard dual LVDS driver-receiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDSR2D2 Datasheet(HTML) 3 Page - STMicroelectronics

  RHFLVDSR2D2 Datasheet HTML 1Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 2Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 3Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 4Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 5Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 6Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 7Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 8Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DocID025372 Rev 3
3/17
RHFLVDSR2D2
Functional description and pin configuration
17
1
Functional description and pin configuration
Figure 1. Functional diagram and pinout
Note:
Vid = (VIN+) - (VIN-),
L = low level, H = high Level, X = don’t care, Z = high impedance (off)
Receiver
RIN1+
RIN1-
REN1
RIN2+
RIN2-
REN2
DIN1
DEN1
DIN2
DEN2
Receiver
ROUT1
ROUT2
DOUT1+
DOUT1-
DOUT2+
DOUT2-
Driver
Driver
8
11
14
13
12
10
1
2
3
4
5
6
7
RIN2-
DEN2
REN2
DOUT2-
ROUT2
DOUT2+
Vcc
GND
DEN1
DIN1
RIN1-
RIN1+
DOUT1+
16
15
RIN2+
DIN2
9
DOUT1-
REN1
ROUT1
18
17
Table 2. Truth table: Driver
Enables
Input
Output
DEN
DIN
DOUT+
DOUT-
LX
Z
Z
H or floating
(internal pull-up)
LL
H
HH
L
Open
L
H
Table 3. Truth table: Receiver
Enables
Input
Output
REN
RIN+ - RIN-
ROUT
LX
Z
H or floating
(internal pull-up)
Vid
 0.1 V
H
Vid
 -0.1 V
L
-0.1 V < Vid < +0.1 V
?
Full fail-safe Open/Short or
terminated
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com