Electronic Components Datasheet Search
  English  ▼

X  

STPS40A45CHR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPS40A45CHR
Description  Rad-Hard 2 x 20 A - 45 V Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40A45CHR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPS40A45CHR Datasheet HTML 3Page - STMicroelectronics STPS40A45CHR Datasheet HTML 4Page - STMicroelectronics STPS40A45CHR Datasheet HTML 5Page - STMicroelectronics STPS40A45CHR Datasheet HTML 6Page - STMicroelectronics STPS40A45CHR Datasheet HTML 7Page - STMicroelectronics STPS40A45CHR Datasheet HTML 8Page - STMicroelectronics STPS40A45CHR Datasheet HTML 9Page - STMicroelectronics STPS40A45CHR Datasheet HTML 10Page - STMicroelectronics STPS40A45CHR Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
5
Other information
5.1
Traceability information
The date code in formation is structured as described in the table below.
Table 8. Date codes
Model
Date code(1)
EM
3yywwN
ESCC
yywwN
1. yy = year, ww = week number, N = lot index in the week.
5.2
Documentation
Each product shipment includes a set of associated documentation within the shipment box. This documentation
depends on the quality level of the products, as detailed in the table below.
The documentation is provided on printed paper in a dedicated envelop.
Table 9. Default documentation provided with the parts
Quality level
Documentation
Engineering Model
Certificate of Conformance including :
Customer name
Customer purchase order number
ST sales order number and item
ST part number
Quantity delivered
Date code
Reference data sheet
Reference to TN1180 on engineering models
ST Rennes assembly lot ID
ESCC Flight
Certificate of Conformance including:
Customer name
Customer purchase order number
ST sales order number and item
ST part number
Quantity delivered
Date code
Serial numbers
Reference of the applicable ESCC Qualification maintenance lot
Reference to the ESCC detail specification
ST Rennes assembly lot ID
Radiation verification test report(1)
1. Report of the ESCC22900 test supporting the delivered parts
STPS40A45CHR
Other information
DS13193 - Rev 1
page 9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com