Electronic Components Datasheet Search
  English  ▼

X  

IRC40 Datasheet(PDF) 10 Page - Carlo Gavazzi Holding AG

Part # IRC40
Description  Proximity inductive sensors with rectangular housing and 5 positions rotatable head
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

IRC40 Datasheet(HTML) 10 Page - Carlo Gavazzi Holding AG

Back Button IRC40 Datasheet HTML 6Page - Carlo Gavazzi Holding AG IRC40 Datasheet HTML 7Page - Carlo Gavazzi Holding AG IRC40 Datasheet HTML 8Page - Carlo Gavazzi Holding AG IRC40 Datasheet HTML 9Page - Carlo Gavazzi Holding AG IRC40 Datasheet HTML 10Page - Carlo Gavazzi Holding AG IRC40 Datasheet HTML 11Page - Carlo Gavazzi Holding AG IRC40 Datasheet HTML 12Page - Carlo Gavazzi Holding AG IRC40 Datasheet HTML 13Page - Carlo Gavazzi Holding AG IRC40 Datasheet HTML 14Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Carlo Gavazzi Automation
IRC40
IRC40_4-wire_DC_DS_EN
04/07/2022
Installation
Flush
Flush sensor, when installed in damping material
≥ 3 x Sn
**
≥ 0 mm
≥ 6 mm
≥ 6 mm
≥ 0 mm
≥ 2 mm
≥ 0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com