Electronic Components Datasheet Search
  English  ▼

X  

WLSD-TH Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # WLSD-TH
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD-TH Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button WLSD-TH Datasheet HTML 31Page - Omron Electronics LLC WLSD-TH Datasheet HTML 32Page - Omron Electronics LLC WLSD-TH Datasheet HTML 33Page - Omron Electronics LLC WLSD-TH Datasheet HTML 34Page - Omron Electronics LLC WLSD-TH Datasheet HTML 35Page - Omron Electronics LLC WLSD-TH Datasheet HTML 36Page - Omron Electronics LLC WLSD-TH Datasheet HTML 37Page - Omron Electronics LLC WLSD-TH Datasheet HTML 38Page - Omron Electronics LLC WLSD-TH Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
WL-N/WLM-N
35
Switches with Flexible Rod Actuators
Basic Switches
Note: Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.
* These values are for the top end of the spring, rod, or wire.
Model
Operating characteristics
WLNJ-N
WLNJ-30-N
WLNJ-2-N
WLNJ-S2-N
Operating force
Pretravel
OF
PT
Max.
1.47 N
20±10 mm
1.47 N
20±10 mm
1.47 N
40±20 mm
0.28 N
40±20 mm
Three, M4
Four, 5.2 dia. holes
30.2±0.2
40±0.7
(4.9)
5
58.7±0.2
(15.1)
13.1
12.9
21.6
JIS B 0202 G½
Four, M6
Depth: 15 min
29.2±1.2
42 max.
68.7
Two, M3.5
*
3
PT
*
1
*
2
(107)
33.7±0.8
140±2.5
6.5 dia.
*
1. Do not operate the Switch in the direction of the axial center.
*
2. Stainless steel coil spring.
*
3. The range for operation is 1/3rd of the overall spring length from the end of the spring.
Coil Spring
WLNJ-N
Three, M4
Four, 5.2 dia. holes
30.2±0.2
40±0.7
(4.9)
5
58.7±0.2
(15.1)
13.1
12.9
21.6
JIS B 0202 G½
Four, M6
Depth: 15 min
29.2±1.2
42 max.
68.7
Two, M3.5
*
3
PT
*
1
*
2
(107)
33.7±0.8
140±2.5
4.8 dia.
*
1. Do not operate the Switch in the direction of the axial center.
*
2. Piano wire coil spring.
*
3. The range for operation is 1/3rd of the overall spring length from the end of the spring.
Coil Spring (Multi-wire)
WLNJ-30-N
26 dia.
Three, M4
Four, 5.2 dia. holes
30.2±0.2
40±0.7
(4.9)
5
58.7±0.2
(15.1)
13.1
12.9
21.6
JIS B0202 G½
Four, M6
Depth: 15 min
29.2±1.2
42 max.
68.7
Two, M3.5
*
3
PT
*
1
*
2
(95.4)
44.6±0.8
140±2.5
8 dia.
*
1. Do not operate the Switch in the direction of the axial center.
*
2. Polyamide Resin Rod
*
3. The range for operation is 1/3rd of the overall rod length from the end of the rod.
Resin Rod
WLNJ-2-N
Three, M4
Four, 5.2 dia. holes
30.2±0.2
40±0.7
(4.9)
5
58.7±0.2
(15.1)
13.1
12.9
21.6
JIS B 0202 G½
Four, M6
Depth: 15 min
29.2±1.2
42 max.
68.7
Two, M3.5
*
3
PT
*
1
*
2
(159)
33.7±0.8
193±2.5
1 dia
*
1. Do not operate the Switch in the direction of the axial center.
*
2. Stainless steel wire.
*
3. The range for operation is 1/3rd of the overall wire length from the end of the wire.
Steel Wire
WLNJ-S2-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com