Electronic Components Datasheet Search
  English  ▼

X  

WLSD-TH Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # WLSD-TH
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD-TH Datasheet(HTML) 5 Page - Omron Electronics LLC

  WLSD-TH Datasheet HTML 1Page - Omron Electronics LLC WLSD-TH Datasheet HTML 2Page - Omron Electronics LLC WLSD-TH Datasheet HTML 3Page - Omron Electronics LLC WLSD-TH Datasheet HTML 4Page - Omron Electronics LLC WLSD-TH Datasheet HTML 5Page - Omron Electronics LLC WLSD-TH Datasheet HTML 6Page - Omron Electronics LLC WLSD-TH Datasheet HTML 7Page - Omron Electronics LLC WLSD-TH Datasheet HTML 8Page - Omron Electronics LLC WLSD-TH Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
WL-N/WLM-N
5
Conditions
Key specifications
Models
According to Application Conditions
Switching standard
loads
Switching
microloads
Normal durability
Long-life
0.1 A at 125 VAC, resistive load
0.1 A at 30 VDC, resistive load
10 A at 125,250, or 500 VAC
0.8 A at 125 VDC
0.4 A at 250 VDC
Entire WL
@-@-N Series
Applicable to either standard loads or microloads.
WL
@-N
General-purpose Switches
WL
@-S-N Spatter-prevention Switches
WLM
@-N
Long-life Switches
Mechanical: 15 million operation min.
(10 million operation min. for high-sensitivity
models or flexible rod models)
Mechanical: 30 million operation min.
According to Ease of Installation and Maintenance
Connector
attachment in
control and relay
boxes
One-touch
connector
attachment
Screw tightening
and installation
Daily inspections
and maintenance
checks
LED
10 to 115 VAC/DC
Switching light-ON between operating/not
operating. (Switching not possible for models
with molded terminals.)
Neon lamp
125 to 250 VAC
Switching light-ON between operating/not
operating. (Switching is not possible for
Switches with Molded Terminals.)
Pre-wired connector, 4-conductor.
Greatly reduces wiring work.
Smartclick connectors for even easier
maintenance.
Direct-wired connector, 4-conductor.
Greatly reduces wiring work.
Pre-wired connector, 2-conductor.
Greatly reduces wiring work.
Smartclick connectors for even easier
maintenance.
Direct-wired connector, 2-conductor.
Greatly reduces wiring work.
Screw terminals. No ground terminal.
Conduit size: G1/2
Screw terminals. Ground terminal.
Conduit size: 4 sizes
WL
@-@LD-@GJ-N
General-purpose, Pre-wired Connector Switches
WL
@-@S-@GJS-N
Spatter-prevention, Pre-wired Connector Switches
WLM
@-LD-@GJ-N
Long-life, Pre-wired Connector Switches
WL
@-@LD-M1@J-N
General-purpose, Pre-wired Connector Switches
WL
@-@S-M1@J-1-N
Spatter-prevention, Pre-wired Connector Switches
WLM
@-LD-M1@J-N
Long-life, Pre-wired Connector Switches
WL
@-@LDK13@-N
General-purpose, Direct-wired Connector Switches
WLM
@-LDK13@-N
Long-life, Direct-wired Connector Switches
WL
@-@LDK43@-N
General-purpose, Direct-wired Connector Switches
WLM
@-LDK43@-N
Long-life, Direct-wired Connector Switches
WL
@-N
General-purpose Switches
WL
@-N
General-purpose Switches
WLM
@-N
Long-life Switches
WL
@-LD-N
General-purpose, Indicator-equipped (LED) Switches
WL
@-LDS-N
Spatter-prevention, Indicator-equipped (LED) Switches
WL
@-LE-N
General-purpose, Indicator-equipped (Neon Lamp) Switches
WL
@-LES-N
Spatter-prevention, Indicator-equipped (Neon Lamp) Switches
Conditions
Key specifications
Models



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com