Electronic Components Datasheet Search
  English  ▼

X  

WLSD2-TC Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # WLSD2-TC
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD2-TC Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button WLSD2-TC Datasheet HTML 7Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 8Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 9Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 10Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 11Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 12Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 13Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 14Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
WL-N/WLM-N
11
Model Number Legend (Not all combinations are possible. Contact your OMRON representative for details.)
(1) Actuator and Property Specifications
(2) Built-in Switch Type
(3) Indicator Type
*1. Cannot be combined with a Switch with a Connector.
(4) Connector Type
*2. DC models are certified for EN/IEC (CE Marking).
*3. Refer to Contact Forms on page 16 for details on connector pin numbers.
*4. The standard cable length is 0.3 m. Contact your OMRON representative for information on other cable lengths.
Spatter-prevention Switches
Code
Lever
Pretravel (PT)
CA2
Roller lever: R38 mm
15
±5°
G2
Roller lever, high sensitivity: R38 mm
10
°
GCA2
Roller lever, high precision: R38 mm
5
°
D28
Sealed top-roller plunger
1.7 mm
Code
Specifications
Blank
Standard built-in switch
55
Airtight built-in switch
Code
Specifications
LE
Neon lamp: 125 to 250 VAC *1
LD
LED (10 to 115 VAC/DC)
WL
@ - @@ S@ -N
(1)
(2) (3)
(4)
+2
°
−1°
+2°
0°
Code
Specifications
Shape
Voltage *2
Wiring locations
Connector pin No. *3
Blank
No connector
----
----
----
----
-M1J-1
Pre-wired Connector *4
Threaded (M12)
DC
NO only
NO:
-M1GJ-1
DC
NO only
NO:
-DGJS
DC
NC+NO
NC:
, NO:
-DTGJS
Smartclick
DC
NC+NO
NC:
, NO:
3 4
1 4
1 2
3 4
1 2
3 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com