Electronic Components Datasheet Search
  English  ▼

X  

WLSD2-TC Datasheet(PDF) 38 Page - Omron Electronics LLC

Part # WLSD2-TC
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD2-TC Datasheet(HTML) 38 Page - Omron Electronics LLC

Back Button WLSD2-TC Datasheet HTML 34Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 35Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 36Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 37Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 38Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 39Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 40Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 41Page - Omron Electronics LLC WLSD2-TC Datasheet HTML 42Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
WL-N/WLM-N
38
Switches with Roller Lever Actuators
Note: 1. Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.
2. The above diagrams are for Indicator-equipped Switches.
Long-life Switches
Actuator
Switches with Roller Lever Actuators
Operating characteristics
Basic Switches
High-sensitivity
Switches
High-precision
Switches
Operating force
Release force
Pretravel
Overtravel
Movement Differential
OF
RF
PT
OT
MD
max.
min.
min.
max.
13.34 N
1.18 N
15
±5°
70
°
12
°
13.34 N
1.18 N
10
°
80
°
7
°
13.34 N
1.18 N
5
°
80
°
3
°
42 max.
13.1
12.7
Depth: 15 min
JIS B 0202 G½
Four, M6
29.2±1.2
68.7
30.2±0.2
40±0.7
(4.9)
5
58.7±0.2
(15.1)
14.7
60 max.
53±1.5
41.5±1.5
53.2±0.8
*
Stainless sintered roller
Two, M3.5
Three, M4
Four, 5.2 dia. holes
17.5 dia.×7 *
M5 Allen-head bolt
Fluorine resin cap
25.4
25.4
40±1.5
R38
21.6
Switches with Screw Terminals
Basic Switches
WLMCA2-LD-N
High-sensitivity Switches
WLMG2-LD-N
High-precision Switches
WLMGCA2-LD-N
The only difference in the shape for High-sensitivity and
High-precision Switches is the set position marker plate.
42 max.
13.1
12.7
Depth: 15 min
Four, M6
29.2±1.2
68.7
30.2±0.2
40±0.7
(4.9)
5
58.7±0.2
(15.1)
14.7
60 max.
53±1.5
41.5±1.5
53.2±0.8
*
Stainless sintered roller
Two, M3.5
Three, M4
M12×1
Four, 5.2 dia. holes
17.5 dia.×7 *
M5 Allen-head bolt
Fluorine resin cap
25.4
25.4
40±1.5
R38
12.5
Switches with Direct-wired Connectors
Basic Switches
WLMCA2-LDK13-N
High-sensitivity Switches
WLMG2-LDK13-N
High-precision Switches
WLMGCA2-LDK13-N
The only difference in the shape for High-sensitivity and
High-precision Switches is the set position marker plate.
42 max.
13.1
12.7
Depth: 15 min
Four, M6
29.2±1.2
68.7
30.2±0.2
40±0.7
(4.9)
5
58.7±0.2
(15.1)
14.7
60 max.
53±1.5
41.5±1.5
53.2±0.8
*
Stainless sintered roller
Two, M3.5
17.5 dia.×7 *
M5 Allen-head bolt
Fluorine resin cap
25.4
25.4
40±1.5
R38
SC-1M
XS2H-D421
Three, M4
Four, 5.2 dia. holes
−50
+100
300
Switches with Pre-wired Connectors
Basic Switches
WLMCA2-LD-M1J-N
High-sensitivity Switches
WLMG2-LD-M1J-N
High-precision Switches
WLMGCA2-LD-M1J-N
The only difference in the shape for High-sensitivity and
High-precision Switches is the set position marker plate.
+2°
−1°
+2°
0
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com