Electronic Components Datasheet Search
  English  ▼

X  

UN1113 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UN1113
Description  Silicon PNP epitaxial planer transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN1113 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UN1113 Datasheet HTML 1Page - Panasonic Semiconductor UN1113 Datasheet HTML 2Page - Panasonic Semiconductor UN1113 Datasheet HTML 3Page - Panasonic Semiconductor UN1113 Datasheet HTML 4Page - Panasonic Semiconductor UN1113 Datasheet HTML 5Page - Panasonic Semiconductor UN1113 Datasheet HTML 6Page - Panasonic Semiconductor UN1113 Datasheet HTML 7Page - Panasonic Semiconductor UN1113 Datasheet HTML 8Page - Panasonic Semiconductor UN1113 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Transistors with built-in Resistor
1
Publication date: October 2003
SJH00001BED
UNR111x Series (UN111x Series)
Silicon PNP epitaxial planar transistor
For digital circuits
■ Features
• Costs can be reduced through downsizing of the equipment and
reduction of the number of parts
• M type package allowing easy automatic and manual insertion as
well as stand-alone fixing to the printed circuit board.
■ Resistance by Part Number
(R1)(R2)
• UNR1110 (UN1110)
47 k
Ω
• UNR1111 (UN1111)
10 k
Ω
10 k
Ω
• UNR1112 (UN1112)
22 k
Ω
22 k
Ω
• UNR1113 (UN1113)
47 k
Ω
47 k
Ω
• UNR1114 (UN1114)
10 k
Ω
47 k
Ω
• UNR1115 (UN1115)
10 k
Ω
• UNR1116 (UN1116)
4.7 k
Ω
• UNR1117 (UN1117)
22 k
Ω
• UNR1118 (UN1118)
0.51 k
Ω
5.1 k
Ω
• UNR1119 (UN1119)
1 k
Ω
10 k
Ω
• UNR111D (UN111D)
47 k
Ω
10 k
Ω
• UNR111E (UN111E)
47 k
Ω
22 k
Ω
• UNR111F (UN111F)
4.7 k
Ω
10 k
Ω
• UNR111H (UN111H)
2.2 k
Ω
10 k
Ω
• UNR111L (UN111L)
4.7 k
Ω
4.7 k
Ω
■ Absolute Maximum Ratings T
a
= 25°C
B
R1
R2
C
E
Internal Connection
Unit: mm
1: Base
2: Collector
3: Emitter
M-A1 Package
Note) The part numbers in the parenthesis show conventional part number.
6.9±0.1
2.5±0.1
(1.0)
(1.5)
(0.85)
0.45±0.05
0.55±0.1
(2.5)
(2.5)
21
3
R 0.7
R 0.9
(1.5)
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
−50
V
Collector-emitter voltage (Base open)
VCEO
−50
V
Collector current
IC
−100
mA
Total power dissipation
PT
400
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C


Similar Part No. - UN1113

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN11004 PANASONIC-UN11004 Datasheet
38Kb / 2P
Circuit Protector Elements
UN11008 PANASONIC-UN11008 Datasheet
38Kb / 2P
Circuit Protector Elements
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
Circuit Protector Elements
UN11020 PANASONIC-UN11020 Datasheet
34Kb / 2P
Circuit Protector Elements
UN11027 PANASONIC-UN11027 Datasheet
35Kb / 2P
Circuit Protector Elements
More results

Similar Description - UN1113

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN2121 PANASONIC-UN2121 Datasheet
84Kb / 6P
Silicon PNP epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
Silicon PNP epitaxial planer transistor
XP1110 PANASONIC-XP1110 Datasheet
33Kb / 2P
Silicon PNP epitaxial planer transistor
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
Silicon PNP(PNP) epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com