Electronic Components Datasheet Search
  English  ▼

X  

UN1113 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # UN1113
Description  Silicon PNP epitaxial planer transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN1113 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button UN1113 Datasheet HTML 6Page - Panasonic Semiconductor UN1113 Datasheet HTML 7Page - Panasonic Semiconductor UN1113 Datasheet HTML 8Page - Panasonic Semiconductor UN1113 Datasheet HTML 9Page - Panasonic Semiconductor UN1113 Datasheet HTML 10Page - Panasonic Semiconductor UN1113 Datasheet HTML 11Page - Panasonic Semiconductor UN1113 Datasheet HTML 12Page - Panasonic Semiconductor UN1113 Datasheet HTML 13Page - Panasonic Semiconductor UN1113 Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
UNR111x Series
SJH00001BED
Cob  VCB
VIN  IO
0
−1
6
5
4
3
2
1
−10
−100
f
= 1 MHz
IE
= 0
Ta
= 25°C
Collector-base voltage V
CB (V)
− 0.01
− 0.1
− 0.1
−1
−10
−100
−1
−10
−100
Output current I
O (mA)
VO
= − 0.2 V
Ta
= 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com