Electronic Components Datasheet Search
  English  ▼

X  

IL710 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IL710
Description  High Speed Digital Isolator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL710 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IL710 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL710 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL710 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL710 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL710 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL710 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL710 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IL710
ISOLOOP®
3
RHOPOINT COMPONENTS Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
Electrical Specifications
Electrical Specifications are Tmin to Tmax unless otherwise stated.
Parameter
Symbol
3.3 Volt Specifiations
5Volt Specifications
Units
Test Conditions
DC Specifications
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Quiescent Supply Current
IDD1
4.5
7
6
10
µA
Output Quiescent Supply Current
IDD2
2.2
3.3
4
5
mA
Logic Input Current
I
I
-10
10
-10
10
µA
Logic High Output Voltage
V
OH
VDD2-0.1
VDD2
VDD2-0.1
VDD2
V
I
O =-20 µA, VI =VIH
0.8*V
DD
2 VDD2-0.5
0.8*V
DD
2 VDD2-0.5
I
O
=-4mA, V
I =VIH
Logic Low Output Voltage
V
OL
0
0.1
0
0.1
V
I
O =20 µA, VI =VIL
0.5
0.8
0.5
0.8
I
O
= 4 mA, V
I =VIL
Switching Specifications
MaximumData Rate
100
110
100
110
MBd
C
L =15pF
Pulse Width
PW
10
10
ns
Propagation Delay
Input to Output (High to Low)
t
PHL
12
18
10
15
ns
C
L
=15pF
Propagation Delay
Input to Output ( Low to High)
t
PLH
12
18
10
15
ns
C
L
=15pF
Propagation Delay Enable to Output
(High to High Impedance)
t
PHZ
35
3
5
ns
C
L
=15pF
Propagation Delay Enable to Output
(Low to High Impedance)
t
PLZ
35
3
5
ns
C
L
=15pF
Propagation Delay Enable to Output
(High Impedance to High)
t
PZH
35
3
5
ns
C
L
=15pF
Propagation Delay Enable to Output
(High Impedance to Low)
t
PZL
35
3
5
ns
C
L
=15pF
Pulse Width Distortion
(2)
23
2
3
Propagation Delay Skew
(3)
t
PSK
46
4
6
ns
C
L =15pF
Output Rise Time (10-90%)
t
R
24
1
3
ns
C
L =15pF
Output Fall Time (10-90%)
t
F
24
1
3
ns
C
L =15pF
Common Mode Transient
|CMH|
Immunity (Output Logic High or
20
30
20
30
kV/
µs
Vcm = 300V
Logic Low)
(4)
|CML|
Pin Connections
1VDD1
Input Power Supply
2V
I
Logic Input Signal
3
NC
No Internal Connection
4
GND1
Input Power Supply Ground
5
GND2
Output Power Supply Ground
6V
O
Output Logic Signal
7V
OE
Logic Output Enable*
8V
DD
2
Output Power Supply
*Held low Internally
1
H
2
3
4
5
6
7
8
V
DD1
V
DD2
VI
V
O
GND
1
GND2
NC
V
OE
Isolation
Barrier



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com