Electronic Components Datasheet Search
  English  ▼

X  

IL710 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IL710
Description  High Speed Digital Isolator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL710 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  IL710 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL710 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL710 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL710 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL710 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL710 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL710 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IL710
ISOLOOP®
6
RHOPOINT COMPONENTS Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
0.240 (6.096)
0.260 (6.604)
0.370 (9.398)
0.400 (10.160)
0.290 (7.366)
0.310 (7.874)
0.55 (1.397)
0.65 (1.651)
0.008 (0.203)
0.015 (0.381)
3°
8°
0.300 (7.620)
0.370 (9.398)
0.120 (3.048)
0.150 (3.810)
0.015 (0.381)
0.035 (0.889)
0.090 (2.286)
0.110 (2.794)
0.045 (1.143)
0.065 (1.651)
0.015 (0.380)
0.023 (0.584)
0.030 (0.762)
0.045 (1.143)
1
2
3
Dimensions: inches (mm)
min
max
IL710-2 (8-Pin PDIP Package)
0.189 (4.80)
0.197
(5.00)
0.228 (5.80)
0.244 (6.20)
0.150 (3.80)
0.157 (4.00)
0.010 (0.25)
0.020 (0.50)
x45°
0.016 (0.40)
0.050 (1.27)
0.008 (0.19)
0.010 (0.25)
0°
8°
0.013 (0.33)
0.020 (0.51)
0.054 (1.37)
0.069 (1.75)
0.004 (0.10)
0.010 (0.25)
0.040 (1.016)
0.060 (1.524)
12
3
Dimensions: inches (mm)
min
max
IL710-3 (Small Outline SOIC-8 package)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com