Electronic Components Datasheet Search
  English  ▼

X  

UN2113 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # UN2113
Description  Silicon PNP epitaxial planer transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN2113 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button UN2113 Datasheet HTML 9Page - Panasonic Semiconductor UN2113 Datasheet HTML 10Page - Panasonic Semiconductor UN2113 Datasheet HTML 11Page - Panasonic Semiconductor UN2113 Datasheet HTML 12Page - Panasonic Semiconductor UN2113 Datasheet HTML 13Page - Panasonic Semiconductor UN2113 Datasheet HTML 14Page - Panasonic Semiconductor UN2113 Datasheet HTML 15Page - Panasonic Semiconductor UN2113 Datasheet HTML 16Page - Panasonic Semiconductor UN2113 Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
Transistors with built-in Resistor
UN2111/2112/2113/2114/2115/2116/2117/2118/2119/2110/
211D/211E/211F/211H/211L/211M/211N/211T/211V/211Z
Characteristics charts of UN211H
IC — VCE
VCE(sat) — IC
hFE — IC
Cob — VCB
VIN — IO
Characteristics charts of UN211L
IC — VCE
VCE(sat) — IC
hFE — IC
0
0
–12
– 2
–10
–4
–8
–6
–120
–100
–80
–60
–40
–20
Collector to emitter voltage VCE (V)
Ta=25˚C
IB= – 0.5mA
– 0.3mA
– 0.4mA
– 0.2mA
– 0.1mA
–0.01
–1
– 3
–0.1
–1
–10
–100
–10
– 30
–100 – 300 –1000
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
– 0.1 – 0.3
240
200
160
120
80
40
–1
– 3
–10
– 30
–100
Collector current IC (mA)
VCE= –10V
Ta=75˚C
25˚C
– 25˚C
0
–1
6
5
4
3
2
1
– 3
–10
– 30
–100
Collector to base voltage
VCB (V)
f=1MHz
IE=0
Ta=25˚C
–0.01
–0.1 –0.3
–0.1
–1
–10
–100
–1
– 3
–10
– 30
–100
Output current IO (mA)
VO= – 0.2V
Ta=25˚C
0
0
–12
– 2
–10
–4
–8
–6
– 240
– 200
–160
–120
–80
–40
Collector to emitter voltage VCE (V)
Ta=25˚C
IB= –1.0mA
– 0.2mA
– 0.4mA
– 0.6mA
– 0.8mA
–0.01
–0.03
–1
– 3
–0.1
–0.3
–1
–3
–10
–30
–100
–10
– 30
–100 – 300 –1000
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
–1
– 3
240
200
160
120
80
40
–10
– 30
–100 – 300 –1000
Collector current IC (mA)
VCE= –10V
Ta=75˚C
25˚C
– 25˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com