Electronic Components Datasheet Search
  English  ▼

X  

UN2113 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UN2113
Description  Silicon PNP epitaxial planer transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN2113 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UN2113 Datasheet HTML 1Page - Panasonic Semiconductor UN2113 Datasheet HTML 2Page - Panasonic Semiconductor UN2113 Datasheet HTML 3Page - Panasonic Semiconductor UN2113 Datasheet HTML 4Page - Panasonic Semiconductor UN2113 Datasheet HTML 5Page - Panasonic Semiconductor UN2113 Datasheet HTML 6Page - Panasonic Semiconductor UN2113 Datasheet HTML 7Page - Panasonic Semiconductor UN2113 Datasheet HTML 8Page - Panasonic Semiconductor UN2113 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Transistors with built-in Resistor
UN2111/2112/2113/2114/2115/2116/2117/2118/2119/2110/
211D/211E/211F/211H/211L/211M/211N/211T/211V/211Z
s Electrical Characteristics (Ta=25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector cutoff current
ICBO
VCB = –50V, IE = 0
– 0.1
µA
ICEO
VCE = –50V, IB = 0
– 0.5
µA
UN2111
– 0.5
UN2112/2114/211E/211D/211M/211N/211T
– 0.2
UN2113
– 0.1
UN2115/2116/2117/2110
– 0.01
UN211F/211H
IEBO
VEB = –6V, IC = 0
–1.0
mA
UN2119
–1.5
UN2118/211L/211V
–2.0
UN211Z
– 0.4
Collector to base voltage
VCBO
IC = –10mA, IE = 0
–50
V
Collector to emitter voltage
VCEO
IC = –2mA, IB = 0
–50
V
UN2111
35
UN2112/211E
60
UN2113/2114/211M
80
UN2115*/2116*/2117*/2110*
160
460
UN2119/211F/211D/211H
hFE
VCE = –10V, IC = –5mA
30
UN2118/211L
20
UN211N/211T
80
400
UN211V
6
20
UN211Z
60
200
Collector to emitter saturation voltage
VCE(sat)
IC = –10mA, IB = – 0.3mA
– 0.25
V
UN211V
IC = –10mA, IB = –1.5mA
– 0.07
– 0.25
V
Output voltage high level
VOH
VCC = –5V, VB = – 0.5V, RL = 1kΩ
–4.9
V
Output voltage low level
VCC = –5V, VB = –2.5V, RL = 1kΩ
– 0.2
UN2113
VOL
VCC = –5V, VB = –3.5V, RL = 1kΩ
– 0.2
V
UN211D
VCC = –5V, VB = –10V, RL = 1kΩ
– 0.2
UN211E
VCC = –5V, VB = –6V, RL = 1kΩ
– 0.2
Transition frequency
fT
VCB = –10V, IE = 1mA, f = 200MHz
80
MHz
UN2111/2114/2115
10
UN2112/2117/211T
22
UN2113/2110/211D/211E
47
UN2116/211F/211L/211N/211Z
R1
(–30%)
4.7
(+30%)
k
Ω
UN2118
0.51
UN2119
1
UN211H/211M/211V
2.2
Emitter
cutoff
current
Forward
current
transfer
ratio
Input
resis-
tance
* hFE rank classification (UN2115/2116/2117/2110)
Rank
Q
R
S
hFE
160 to 260
210 to 340
290 to 460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com