Electronic Components Datasheet Search
  English  ▼

X  

LF2B Datasheet(PDF) 1 Page - IDEC Corporation

Part # LF2B
Description  LED Machine Lighting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LF2B Datasheet(HTML) 1 Page - IDEC Corporation

  LF2B Datasheet HTML 1Page - IDEC Corporation LF2B Datasheet HTML 2Page - IDEC Corporation LF2B Datasheet HTML 3Page - IDEC Corporation LF2B Datasheet HTML 4Page - IDEC Corporation LF2B Datasheet HTML 5Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LF2B
LED Machine Lighting
6
www.IDEC.com
LF2B Series
Key features:
Wide range of input voltages (100 - 240V AC) and DC-battery compatible 12/24V
DC are available. Slim units can be used in many applications and installations
where space is limited. Rated IP65 (protection from water and dust) LF2B is great
for environments where water is sprayed.
• Slim units: 40mm (w) x 29mm (h). Using mounting brackets, one-step installa-
tion in a narrow space is possible.
• Five Lengths (210/330/580/830/1,080mm) are offered to meet space require-
ments and illumination coverages.
• Bright and clear white LED illuminates the shapes and colors of target
objects. (LF2B illuminance is approximately 25% higher than the LF1B.)
• Two covers: clear or white
*UL applies for DC units only.
Part Numbers
Illumination Color
White
External
appearance
Clear Cover
White Cover
Rated Voltage
100 - 240V AC
12V/24V DC
100-240V AC
12V/24V DC
LF2B-B
(210mm)
LF2B-B3P-ATHWW2-1M
LF2B-B3P-BTHWW2-1M
LF2B-B4P-ATHWW2-1M
LF2B-B4P-BTHWW2-1M
LF2B-C
(330mm)
LF2B-C3P-ATHWW2-1M
LF2B-C3P-BTHWW2-1M
LF2B-C4P-ATHWW2-1M
LF2B-C4P-BTHWW2-1M
LF2B-D
(580mm)
LF2B-D3P-ATHWW2-1M
LF2B-D3P-BTHWW2-1M
LF2B-D4P-ATHWW2-1M
LF2B-D4P-BTHWW2-1M
LF2B-E
(830mm)
LF2B-E3P-ATHWW2-1M
LF2B-E4P-ATHWW2-1M
LF2B-F
(1,080mm)
LF2B-F3P-ATHWW2-1M
LF2B-F4P-ATHWW2-1M
Part Number Structure
LF2B - C 3 P - ATHWW2 - 1M
Length
B: 210mm (8.27”)
C: 330mm (12.99”)
D: 580mm (22.83”)
E: 830mm (32.68”)
F: 1,080mm (42.52”)
Cover
3: Clear
4: White
Rated Voltage
A: 100/240V AC
B: 12V/24V DC
DC12V/24V Length: B (210mm), C (330mm), D (580mm) only


Similar Part No. - LF2B

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LF2 GOOD-ARK-LF2 Datasheet
180Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
logo
RCD COMPONENTS INC.
LF2-1000FB RCD-LF2-1000FB Datasheet
84Kb / 1P
FAILSAFE FUSIBLE WIREWOUND RESISTORS
LF2-1000GB RCD-LF2-1000GB Datasheet
84Kb / 1P
FAILSAFE FUSIBLE WIREWOUND RESISTORS
LF2-1000HB RCD-LF2-1000HB Datasheet
84Kb / 1P
FAILSAFE FUSIBLE WIREWOUND RESISTORS
LF2-1000JB RCD-LF2-1000JB Datasheet
84Kb / 1P
FAILSAFE FUSIBLE WIREWOUND RESISTORS
More results

Similar Description - LF2B

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
LED Lighting
FSP075-NZMVH-54 FSP-FSP075-NZMVH-54 Datasheet
123Kb / 1P
LED Lighting
FSP80-ZZAE210VG FSP-FSP80-ZZAE210VG Datasheet
124Kb / 1P
LED Lighting
FSP100-NZMCH-1050 FSP-FSP100-NZMCH-1050 Datasheet
122Kb / 1P
LED Lighting
FSP100-NZMCH-1400 FSP-FSP100-NZMCH-1400 Datasheet
122Kb / 1P
LED Lighting
FSP100-NZMCH-2100 FSP-FSP100-NZMCH-2100 Datasheet
122Kb / 1P
LED Lighting
FSP100-NZMCH-2800 FSP-FSP100-NZMCH-2800 Datasheet
122Kb / 1P
LED Lighting
FSP120-NZKCH-2500 FSP-FSP120-NZKCH-2500 Datasheet
122Kb / 1P
LED Lighting
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com