Electronic Components Datasheet Search
  English  ▼

X  

LF2B Datasheet(PDF) 2 Page - IDEC Corporation

Part # LF2B
Description  LED Machine Lighting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LF2B Datasheet(HTML) 2 Page - IDEC Corporation

  LF2B Datasheet HTML 1Page - IDEC Corporation LF2B Datasheet HTML 2Page - IDEC Corporation LF2B Datasheet HTML 3Page - IDEC Corporation LF2B Datasheet HTML 4Page - IDEC Corporation LF2B Datasheet HTML 5Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
7
800-262-IDEC (4332) • USA & Canada
LF2B
LED Machine Lighting
Accessories
Item
Part Number
Remarks
Mounting Bracket (U-shape)
LF9Z-1SB21
Comes with the product (see Note below)
Mounting Bracket (L-shape)
LF9Z-1SB22
Order separately
LF2B-B and -C includes 2 pieces of brackets each; LF2B-E 3 pieces, and LF2B-F 4 pieces each.
General Specifications
Model
LF2B-B
(210mm)
LF2B-C
(330mm)
LF2B-D
(580mm)
LF2B-E
(830mm)
LF2B-F
(1,080mm)
Rated Voltage
100-240V AC 50/60Hz (Voltage range: 90-264V AC)
12V/24V DC (Voltage range: 10.8-30V DC)
Input Current (typical)
(at the rated voltage) 1
AC100~240V
33mA
67mA
96mA
149mA
226mA
DC12V/24V
215mA
409mA
880mA
–
Rated Power
(at the rated voltage)
AC100~240V
3.8W
7.5W
9.2W
14.3W
21.8W
DC12V/24V
2.6W
4.9W
10.6W
–
Insulation Resistance
100MΩ minimum (500V DC megger)
Dielectric Strength
AC100~240V
AC2,000V
DC12V/24V
AC1,000V
–
Vibration Resistance
Frequency 5 - 55 Hz, Amplitude 0.17mm, speed acceleration 20m/s2, 3 directions, 2 hours each
Shock Resistance
300m/s2, 6 directions, 5 times each
Operating Temperature
–30 to +55°C (no freezing)
Operating Humidity
45 to 85% RH (no condensation)
Storage Temperature
–35 to +70°C (no freezing)
Operating Atmosphere
No corrosive gases
Life 2
40,000 hours (Ta = 25°C) (The total illumination life in which the brightness maintains a minimum of 70% of the initial value.)
Degree of Protection
IP65 (IEC 60529)
Material
Front Cover: Polycarbonate Resin; End Cover/Cable Gland: Polyamide Resin; Cable: PVC sheathing (24AWG)
Weight (approx.)
AC100~240V
200g
255g
400g
520g
645g
DC12V/24V
175g
235g
370g
–
1. AC100V input for AC100 - 240V; DC12V input for DC12V/24V
2. LED life is dependent on the operating environment and conditions.
LED Optical Specifcations
Illumination Color
White
Color Temperature/
Dominant Wavelength (typ.)
5,500K
Part Number
LF2B-B (210mm)
LF2B-C (330mm)
LF2B-D (580mm)
LF2B-E (830mm)
LF2B-F (1,080mm)
Luminus Flux
180 lm
360 lm
720 lm
1,080 lm
1,440 lm
Illumination Surface
Clear
Diffused
Clear
Diffused
Clear
Diffused
Clear
Diffused
Clear
Diffused
Reference Brightness (typ.)
at 0.5m
230 lx
215 lx
425 lx
390 lx
710 lx
645 lx
930 lx
835 lx
1,160 lx
1,040 lx
Note: Due to the variability of LED modules, products with same model number may vary slightly in illumination color and luminance.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com