Electronic Components Datasheet Search
  English  ▼

X  

363 Datasheet(PDF) 1 Page - 3M Electronics

Part # 363
Description  Shielded Compact Ribbon (SCR) Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

363 Datasheet(HTML) 1 Page - 3M Electronics

  363 Datasheet HTML 1Page - 3M Electronics 363 Datasheet HTML 2Page - 3M Electronics 363 Datasheet HTML 3Page - 3M Electronics 363 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Shielded Compact Ribbon (SCR) Connectors
Shell Kit for Wiremount Receptacle
363 Series
Physical
Plastic Shell
Material: High Gloss Polyester (PBT)
Flammability: UL 94V-0
Color: Black
Metal Shell (Base & Cover)
Material: Copper Alloy
Plating: Nickel
Latches
Material:
Cable Clamp Stainless Steel
Material: Stainless Steel
Screws
Material: Copper Alloy
Plating: Nickel
TS-2228-A
Sheet 1 of 2
• Complete Shell Kit for 3M™ Shielded
Compact Ribbon (SCR) Wiremount Plug
(TS-2227). Includes outer body, inner shell,
cable clamp, screws and latches
• 360° shielding for excellent EMI protection
• Quick release latch system for connection
security and ease of use
• Integrated strain relieving cable clamp
• See Regulatory Information Appendix (RIA)
for chemical compliance information
Date Modified: June 28, 2007


Similar Part No. - 363

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
363 ETC2-363 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
Energizer
363 ENERGIZER-363 Datasheet
217Kb / 1P
Silver Oxide Batteries
logo
WECO ELECTRICAL CONNECT...
363 WECO-363 Datasheet
122Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 6-pole
01.20
logo
Adafruit Industries
363 ADAFRUIT-363 Datasheet
93Kb / 2P
MiFare Classic (13.56MHz RFID/NFC) Clear Keychain Fob - 1KB
7/21/2015
logo
Keystone Electronics Co...
363 KEYSTONE-363 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 363

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
QF1-50P-2.54RB HIROSE-QF1-50P-2.54RB Datasheet
1Mb / 7P
QF1 RIBBON CABLE CONNECTORS
RC10-36R3-LW HIROSE-RC10-36R3-LW Datasheet
510Kb / 12P
RC SERIES RIBBON CONNECTORS
logo
3M Electronics
102XX-0210EC 3M-102XX-0210EC Datasheet
32Kb / 2P
050, Mini D Ribbon (MDR) Connectors
19-Feb-1999
10126-3000-PE 3M-10126-3000-PE Datasheet
1,013Kb / 5P
3M™ Mini D Ribbon (MDR) Connectors .050" Solder Plug Connector - Shielded
01-Jun-2008
10226-2210PE 3M-10226-2210PE Datasheet
1Mb / 5P
3M™ Mini D Ribbon (MDR) Connectors .050″ Surfacemount Vertical Receptacle - Shielded
21-Feb-2007
36210-0100PL 3M-36210-0100PL Datasheet
223Kb / 4P
3M™ Shielded Compact Ribbon (SCR) Connectors
28-Jun-2007
36110-2220PE 3M-36110-2220PE Datasheet
1Mb / 5P
3M Shielded Compact Ribbon (SCR) Connectors
09-Mar-2009
logo
XFMRS Inc.
XFCSPL3 XFMRS-XFCSPL3 Datasheet
543Kb / 2P
Compact Shielded Power Inductor
logo
List of Unclassifed Man...
F09P15 ETC2-F09P15 Datasheet
220Kb / 5P
IDC Ribbon Connectors Flachbandkabelsteckverbinder
logo
3M Electronics
101 3M-101 Datasheet
265Kb / 3P
3M™ Mini D Ribbon (MDR) Connectors .050″ Solder Plug Connector - Shielded
May 25, 2005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com