Electronic Components Datasheet Search
  English  ▼

X  

363 Datasheet(PDF) 2 Page - 3M Electronics

Part # 363
Description  Shielded Compact Ribbon (SCR) Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

363 Datasheet(HTML) 2 Page - 3M Electronics

  363 Datasheet HTML 1Page - 3M Electronics 363 Datasheet HTML 2Page - 3M Electronics 363 Datasheet HTML 3Page - 3M Electronics 363 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
36310 - 3200-008
3M™ Shielded Compact Ribbon (SCR) Connectors
Shell Kit for Wiremount Receptacle
363 Series
TS-2228-A
Sheet 2 of 2
Ordering Information
00.0
0.00
mm
±3
±0.3
±0.13
mm
[inch]
Tolerance Unless Noted
[ ] Dimensions for Reference Only
(RIA E1 & C1 apply)
Notes:
1. Compatible connector: 3M™ Sheilded Compact Ribbon (SCR) Wiremount Plug, 36320-0100XX (TS-2227)
2. Compatible cable overall diameter: 7.0 mm - 9.0 mm [ 0.28" - 0.35" ]
3. Must be terminated according to user instructions on document TS-2232.
22.4 [.88]
22.7 [.89]
34.8 [1.37]
39.6 [1.56]
11.0 [.43]
7.8 [.31]
7.1 [.28]
8.0 [.31]
10.0 [.39]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com