Electronic Components Datasheet Search
  English  ▼

X  

PD55035STR1-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD55035STR1-E
Description  35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035STR1-E Datasheet(HTML) 1 Page - STMicroelectronics

  PD55035STR1-E Datasheet HTML 1Page - STMicroelectronics PD55035STR1-E Datasheet HTML 2Page - STMicroelectronics PD55035STR1-E Datasheet HTML 3Page - STMicroelectronics PD55035STR1-E Datasheet HTML 4Page - STMicroelectronics PD55035STR1-E Datasheet HTML 5Page - STMicroelectronics PD55035STR1-E Datasheet HTML 6Page - STMicroelectronics PD55035STR1-E Datasheet HTML 7Page - STMicroelectronics PD55035STR1-E Datasheet HTML 8Page - STMicroelectronics PD55035STR1-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PowerSO-10RF
(straight lead)
1
2
3
Pin connection
Pin
Connection
1
Drain
2
Source
3
Gate
Features
Order code
Frequency
VDD
POUT
Gain
Efficiency
PD55035STR1-E
500 MHz
12.5 V
35 W
16.9 dB
62%
•
Excellent thermal stability
•
Common source configuration
•
POUT = 35 W with 16.9 dB at 500 MHz, 12.5 V
•
New RF plastic package
Description
The device is a common source N-channel, enhancement-mode lateral field-effect
RF power transistor. It is designed for high gain, broad band commercial and
industrial applications. It operates at 12 V in common source mode at frequencies
of up to 1 GHz. The device boasts the excellent gain, linearity and reliability of ST’s
latest LDMOS technology mounted in the first true SMD plastic RF power package,
PowerSO-10RF. Device’s superior linearity performance makes it an ideal solution for
car mobile radio. The PowerSO-10 plastic package, designed to offer high reliability,
is the first ST JEDEC approved, high power SMD package. It has been specially
optimized for RF needs and offers excellent RF performance and ease of assembly.
Product status link
PD55035STR1-E
Product summary
Order code
PD55035STR1-E
Marking
PD55035S
Package
PowerSO-10RF
(straight lead)
Packing
Tape and reel
35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
PD55035STR1-E
Datasheet
DS13938 - Rev 1 - March 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - PD55035STR1-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55035STR-E STMICROELECTRONICS-PD55035STR-E Datasheet
402Kb / 22P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
11-May-2006
More results

Similar Description - PD55035STR1-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF3L05150CB4 STMICROELECTRONICS-RF3L05150CB4 Datasheet
1Mb / 16P
150 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
16-Mar-2021
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF3L05200CB4 STMICROELECTRONICS-RF3L05200CB4 Datasheet
1Mb / 12P
200 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
28-Sep-2021
RF3L05250CB4 STMICROELECTRONICS-RF3L05250CB4 Datasheet
490Kb / 12P
250 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
29-Sep-2021
RF3L05400CB4 STMICROELECTRONICS-RF3L05400CB4 Datasheet
1Mb / 12P
400 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
01-Oct-2021
RF4L10700CB4 STMICROELECTRONICS-RF4L10700CB4 Datasheet
525Kb / 11P
700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
22-Sep-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
SD56060 STMICROELECTRONICS-SD56060 Datasheet
242Kb / 13P
60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
ST05250 STMICROELECTRONICS-ST05250 Datasheet
599Kb / 17P
250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
13-May-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com