Electronic Components Datasheet Search
  English  ▼

X  

PD55035STR1-E Datasheet(PDF) 2 Page - STMicroelectronics

Part # PD55035STR1-E
Description  35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035STR1-E Datasheet(HTML) 2 Page - STMicroelectronics

  PD55035STR1-E Datasheet HTML 1Page - STMicroelectronics PD55035STR1-E Datasheet HTML 2Page - STMicroelectronics PD55035STR1-E Datasheet HTML 3Page - STMicroelectronics PD55035STR1-E Datasheet HTML 4Page - STMicroelectronics PD55035STR1-E Datasheet HTML 5Page - STMicroelectronics PD55035STR1-E Datasheet HTML 6Page - STMicroelectronics PD55035STR1-E Datasheet HTML 7Page - STMicroelectronics PD55035STR1-E Datasheet HTML 8Page - STMicroelectronics PD55035STR1-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1
Electrical data
Table 1. Absolute maximum ratings (TC = 25 °C)
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
40
V
VGS
Gate-source voltage
±20
V
ID
Drain current
7
A
PTOT
Total power dissipation at TC = 70 °C
95
W
TJ
Maximum operating junction temperature
165
°C
Tstg
Storage temperature range
-65 to 150
°C
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance, junction-to-case
1.0
°C/W
PD55035STR1-E
Electrical ratings
DS13938 - Rev 1
page 2/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com