Electronic Components Datasheet Search
  English  ▼

X  

LT1085 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1085
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1085 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1085 Datasheet HTML 7Page - Linear Technology LT1085 Datasheet HTML 8Page - Linear Technology LT1085 Datasheet HTML 9Page - Linear Technology LT1085 Datasheet HTML 10Page - Linear Technology LT1085 Datasheet HTML 11Page - Linear Technology LT1085 Datasheet HTML 12Page - Linear Technology LT1085 Datasheet HTML 13Page - Linear Technology LT1085 Datasheet HTML 14Page - Linear Technology LT1085 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LT1083/LT1084/LT1085 Fixed
11
1083ffe
For more information www.linear.com/LT1083
applicaTions inForMaTion
Load Regulation
BecausetheLT1083isathree-terminaldevice, itisnotpos-
sible to provide true remote load sensing. Load regulation
will not be limited by the resistance of the wire connect-
ing the regulator to the load. The data sheet specification
for the load regulation is measured at the bottom of the
package.NegativesidesensingisatrueKelvinconnection,
with the ground pin of the device returned to the negative
side of the load.
Thermal Considerations
The LT1083 series of regulators have internal power and
thermal limiting circuitry designed to protect the device
under overload conditions. For continuous normal load
conditions however, maximum junction temperature
ratings must not be exceeded. It is important to give
careful consideration to all sources of thermal resistance
from junction to ambient. This includes junction-to-case,
case- to-heat sink interface, and heat sink resistance itself.
Newthermalresistancespecificationshavebeendeveloped
to more accurately reflect device temperature and ensure
safe operating temperatures. The data section for these
newregulatorsprovidesaseparatethermalresistanceand
maximumjunctiontemperatureforboththeControlSection
and the Power Section. Previous regulators, with a single
junction-to-case thermal resistance specification, used
an average of the two values provided here and therefore
couldallowexcessivejunctiontemperaturesundercertain
conditionsofambienttemperatureandheatsinkresistance.
To avoid this possibility, calculations should be made for
both sections to ensure that both thermal limits are met.
Junction-to-case thermal resistance is specified from
the IC junction to the bottom of the case directly below
the die. This is the lowest resistance path for heat flow.
Proper mounting is required to ensure the best possible
thermal flow from this area of the package to the heat sink.
Thermal compound at the case-to-heat sink interface is
strongly recommended. If the case of the device must
be electronically isolated, a thermally conductive spacer
can be used as long as its added contribution to thermal
resistance is considered. Note that the case of all devices
in this series is electronically connected to the output.
For example, using a LT1083-5CP (TO-3P, Commercial)
and assuming:
VIN(max continuous) = 9V, VOUT = 5V, IOUT = 6A,
TA = 75°C, θHEAT SINK = 1°C/W,
θCASE-TO-HEAT SINK = 0.2°C/W for P package with
thermal compound.
Power dissipation under these conditions is equal to:
PD = (VIN – VOUT) (IOUT) = 24W
Junction temperature will be equal to:
TJ = TA + PD (θHEAT SINK +θCASE-TO-HEAT SINK + θJC)
For the Control Section:
TJ = 75°C + 24W (1°C/W + 0.2°C/W + 0.5°C/W) =
118°C
118°C < 125°C = TJMAX (Control Section Commer-
cial Range)
For the Power Transistor:
TJ = 75°C + 24W (1°C/W + 0.2°C/W + 1.6°C/W)=
142°C
142°C < 150°C = TJMAX (Power Transistor Commer-
cial Range)
In both cases the junction temperature is below the maxi-
mum rating for the respective sections, ensuring reliable
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com