Electronic Components Datasheet Search
  English  ▼

X  

LT1085 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1085
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1085 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1085 Datasheet HTML 8Page - Linear Technology LT1085 Datasheet HTML 9Page - Linear Technology LT1085 Datasheet HTML 10Page - Linear Technology LT1085 Datasheet HTML 11Page - Linear Technology LT1085 Datasheet HTML 12Page - Linear Technology LT1085 Datasheet HTML 13Page - Linear Technology LT1085 Datasheet HTML 14Page - Linear Technology LT1085 Datasheet HTML 15Page - Linear Technology LT1085 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LT1083/LT1084/LT1085 Fixed
12
1083ffe
For more information www.linear.com/LT1083
Typical applicaTions
7.5A Regulator
15V
15V
15V
110VAC
T1
TRIAD
F-269U
–
+
–
+
+
+
–
+
OUT
IN
LT1083-12 OUT
IN
GND
C30B
C30B
3
4
20
560
20
1
2
L
1mH
T2
1N4003
1N4148
1N4003
1N914
C1
50,000µF
100µF
LT1004-1.2
1N4003
1µF
0.1µF
1µF
100pF
16k*
16k*
11k*
11k*
12V
0A TO 7.5A
10k
82k
15k
2
2
2
3
3
3
8
8
–15V
–15V
–15V
15V
4
4
4
7
7
1
1
200k
15k
10k
2N3904
NC
8
6
7
1
LT1011
LT1011
LM301A
*1% FILM RESISTOR
L-DALE TO-5 TYPE
T2-STANCOR 11Z-2003
REGULATOR WITH SCR PREREGULATOR TO
LOWER POWER DISSIPATION. ABOUT 1.7V
DIFFERENTIAL IS MAINTAINED ACROSS THE
LT1083 INDEPENDENT OF LOAD CURRENT.
LT1083/4/5 TA05
–
+
28V
INPUT
28V
470
28V
4N28
1N914
1N914
LT1011
10k
10k
10k
1k
1M
MR1122
1mH
10,000µF
OUTPUT
LT1083-5 OUT
IN
GND
LT1083/4/5 TA03
+
LT1083-5 OUT
IN
VIN
VOUT = 5V
IOUT = 0A TO 15A
GND
LT1083-5
0.015
OUT
2 FEET #18 WIRE*
IN
GND
*THE #18 WIRE ACTS
AS BALLAST RESISTANCE
INSURING CURRENT SHARING
BETWEEN BOTH DEVICES
LT1083/4/5 TA04
High Efficiency Regulator
Paralleling Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com