Electronic Components Datasheet Search
  English  ▼

X  

LT1762 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1762
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1762 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1762 Datasheet HTML 5Page - Linear Technology LT1762 Datasheet HTML 6Page - Linear Technology LT1762 Datasheet HTML 7Page - Linear Technology LT1762 Datasheet HTML 8Page - Linear Technology LT1762 Datasheet HTML 9Page - Linear Technology LT1762 Datasheet HTML 10Page - Linear Technology LT1762 Datasheet HTML 11Page - Linear Technology LT1762 Datasheet HTML 12Page - Linear Technology LT1762 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LT1083/LT1084/LT1085 Fixed
9
1083ffe
For more information www.linear.com/LT1083
THERMAL
LIMIT
GND
VOUT
LT1083/4/5 BD
VIN
–
+
block DiagraM
applicaTions inForMaTion
The LT1083 family of three-terminal regulators are easy
to use and have all the protection features that are ex-
pected in high performance voltage regulators. They are
short circuit protected, have safe area protection as well
as thermal shutdown to turn off the regulator should the
temperature exceed about 165°C.
These regulators offer lower dropout voltage and more
precisereferencetolerance.Further,thereferencestability
with temperature is improved over older types of regula-
tors. The only circuit difference between using the LT1083
family and older regulators is that they require an output
capacitor for stability.
Stability
The circuit design used in the LT1083 family requires the
use of an output capacitor as part of the device frequency
compensation. For all operating conditions, the addition
of 150µF aluminum electrolytic or a 22µF solid tantalum
on the output will ensure stability. Normally capacitors
much smaller than this can be used with the LT1083.
Many different types of capacitors with widely varying
characteristics are available. These capacitors differ in
capacitor tolerance (sometimes ranging up to ±100%),
equivalent series resistance, and capacitance temperature
coefficient. The 150µF or 22µF values given will ensure
stability.
Normally, capacitor values on the order of 100µF are used
in the output of many regulators to ensure good transient
response with heavy load current changes. Output capaci-
tance can be increased without limit and larger values of
output capacitance further improve stability and transient
response of the LT1083 regulators.
Anotherpossiblestabilityproblemthatcanoccurinmono-
lithic IC regulators is current limit oscillations. These can
occur because in current limit the safe area protection
exhibits a negative impedance. The safe area protection
decreases the current limit as the input-to-output volt-
age increases.That is the equivalent of having a negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com