Electronic Components Datasheet Search
  English  ▼

X  

LT1762 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1762
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1762 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1762 Datasheet HTML 9Page - Linear Technology LT1762 Datasheet HTML 10Page - Linear Technology LT1762 Datasheet HTML 11Page - Linear Technology LT1762 Datasheet HTML 12Page - Linear Technology LT1762 Datasheet HTML 13Page - Linear Technology LT1762 Datasheet HTML 14Page - Linear Technology LT1762 Datasheet HTML 15Page - Linear Technology LT1762 Datasheet HTML 16Page - Linear Technology LT1762 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LT1083/LT1084/LT1085 Fixed
13
1083ffe
For more information www.linear.com/LT1083
OBSOLETE PACKAGE
K Package
2-Lead TO-3 Metal Can
(LTC DWG # 05-08-1310)
package DescripTion
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.
K2 (TO-3) 0801
.038 – .043
(0.965 – 1.09)
.060 – .135
(1.524 – 3.429)
.320 – .350
(8.13 – 8.89)
.420 – .480
(10.67 – 12.19)
.760 – .775
(19.30 – 19.69)
.490 – .510
(12.45 – 12.95)
R
.167 – .177
(4.24 – 4.49)
R
.151 – .161
(3.86 – 4.09)
DIA, 2PLCS
1.177 – 1.197
(29.90 – 30.40)
.655 – .675
(16.64 – 17.15)
.067 – .077
(1.70 – 1.96)
.210 – .220
(5.33 – 5.59)
.425 – .435
(10.80 – 11.05)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com