Electronic Components Datasheet Search
  English  ▼

X  

ATF-511P8 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # ATF-511P8
Description  High Linearity Enhancement Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-511P8 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button ATF-511P8 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-511P8 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF-511P8 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ATF-511P8 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ATF-511P8 Datasheet HTML 12Page - Agilent(Hewlett-Packard) ATF-511P8 Datasheet HTML 13Page - Agilent(Hewlett-Packard) ATF-511P8 Datasheet HTML 14Page - Agilent(Hewlett-Packard) ATF-511P8 Datasheet HTML 15Page - Agilent(Hewlett-Packard) ATF-511P8 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
2 x 2 LPCC (JEDEC DFP-N) Package Dimensions
Ordering Information
Part Number
No. of Devices
Container
ATF-511P8-TR1
3000
7” Reel
ATF-511P8-TR2
10000
13”Reel
ATF-511P8-BLK
100
antistatic bag
Device Models
Refer to Agilent’s Web Site
www.agilent.com/view/rf
D
E
8
7
6
5
A
D1
E1
P
e
pin1
R
L
b
DIMENSIONS ARE IN MILLIMETERS
DIMENSIONS
MIN.
0.70
0
0.203 REF
0.225
1.9
0.65
1.9
1.45
0.50 BSC
0.20
0.35
NOM.
0.75
0.02
0.203 REF
0.25
2.0
0.80
2.0
1.6
0.50 BSC
0.25
0.40
MAX.
0.80
0.05
0.203 REF
0.275
2.1
0.95
2.1
1.75
0.50 BSC
0.30
0.45
SYMBOL
A
A1
A2
b
D
D1
E
E1
e
P
L
1
pin1
2
3
4
1PX
Top View
End View
Side View
Bottom View
A2
A
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com