Electronic Components Datasheet Search
  English  ▼

X  

ATF-511P8 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # ATF-511P8
Description  High Linearity Enhancement Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-511P8 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  ATF-511P8 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF-511P8 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-511P8 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF-511P8 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-511P8 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-511P8 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-511P8 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-511P8 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-511P8 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
ATF-511P8 Electrical Specifications
TA = 25°C, DC bias for RF parameters is Vds = 4.5V and Ids = 200 mA unless otherwise specified.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Vgs
Operational Gate Voltage
Vds = 4.5V, Ids = 200 mA
V
0.25
0.51
0.8
Vth
Threshold Voltage
Vds = 4.5V, Ids = 32 mA
V
—
0.28
—
Idss
Saturated Drain Current
Vds = 4.5V, Vgs = 0V
µA
—
16.4
—
Gm
Transconductance
Vds = 4.5V, Gm =
∆Idss/∆Vgs;
mmho
—
2178
—
∆Vgs = Vgs1 – Vgs2
Vgs1 = 0.55V, Vgs2 = 0.5V
Igss
Gate Leakage Current
Vds = 0V, Vgs = -4.5V
µA
-27
-2
—
NF
Noise Figure[1]
f = 2 GHz
dB
—
1.4
—
f = 900 MHz
dB
—
1.2
—
G
Gain[1]
f = 2 GHz
dB
13.5
14.8
16.5
f = 900 MHz
dB
—
17.8
—
OIP3
Output 3rd Order Intercept Point[1,2]
f = 2 GHz
dBm
38.5
41.7
—
f = 900 MHz
dBm
—
43
—
P1dB
Output 1dB Compressed[1]
f = 2 GHz
dBm
28.5
30
—
f = 900 MHz
dBm
—
29.6
—
PAE
Power Added Efficiency
f = 2 GHz
%
52
68.9
—
f = 900 MHz
%
—
68.6
—
ACLR
Adjacent Channel Leakage
Offset BW = 5 MHz
dBc
—
-58.9
—
Power Ratio[1,3]
Offset BW = 10 MHz
dBc
—
-62.7
—
Notes:
1. Measurements obtained using production test board described in Figure 6 and PAE tested at P1dB condition.
2. I ) 2 GHz OIP3 test condition: F1 = 2.0 GHz, F2 = 2.01 GHz and Pin = -5 dBm per tone.
II ) 900 MHz OIP3 test condition: F1 = 900 MHz, F2 = 910 MHz and Pin = -5 dBm per tone.
3. ACLR test spec is based on 3GPP TS 25.141 V5.3.1 (2002-06)
- Test Model 1
- Active Channels: PCCPCH + SCH + CPICH + PICH + SCCPCH + 64 DPCH (SF=128)
- Freq = 2140 MHz
- Pin = -5 dBm
- Channel Integrate Bandwidth = 3.84 MHz
4. Use proper bias, board, heatsink and derating designs to ensure maximum channel temperature is not exceeded. See absolute maximum ratings and
application note for more details.
Input
50 Ohm
Transmission
Line and
Gate Bias T
(0.3 dB loss)
Input
Matching Circuit
Γ_mag = 0.69
Γ_ang = -164°
(1.1 dB loss)
Output
Matching Circuit
Γ_mag = 0.65
Γ_ang = -163°
(0.9 dB loss)
DUT
50 Ohm
Transmission
Line and
Drain Bias T
(0.3 dB loss)
Output
Figure 6. Block diagram of the 2 GHz production test board used for NF, Gain, OIP3 , P1dB and PAE and ACLR measurements. This circuit achieves a
trade-off between optimal OIP3, P1dB and VSWR. Circuit losses have been de-embedded from actual measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com