Electronic Components Datasheet Search
  English  ▼

X  

LM2457 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2457
Description  Monolithic Triple 7.5nS CRT Driver With Integrated Clamp and G1 Blanking
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2457 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2457 Datasheet HTML 1Page - National Semiconductor (TI) LM2457 Datasheet HTML 2Page - National Semiconductor (TI) LM2457 Datasheet HTML 3Page - National Semiconductor (TI) LM2457 Datasheet HTML 4Page - National Semiconductor (TI) LM2457 Datasheet HTML 5Page - National Semiconductor (TI) LM2457 Datasheet HTML 6Page - National Semiconductor (TI) LM2457 Datasheet HTML 7Page - National Semiconductor (TI) LM2457 Datasheet HTML 8Page - National Semiconductor (TI) LM2457 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
80V Voltage, V
CC1
+90V
120V Supply V
CC2
+130V
Bias Voltage, V
BB
+15V
Input Voltage, V
IN
0V to 4V
V
BLANK Input Voltage, VBLANK
0V to V
BBV
Storage Temperature Range, T
STG
−65˚C to +150˚C
Lead Temperature
(Soldering, <10 sec.)
300˚C
ESD Tolerance, Human Body
Model
2 kV
ESD Tolerance, Machine Model
200V
Limits of Operating Ranges (Note 2)
V
CC1
+60V to +85V
V
BOOST
V
CC1 to +125V
V
BB
7.0V to +9V
V
IN
0.8V to +3.5V
V
REF
+1.6V to +1.9V
V
BLANK Input Voltage, VBLANK
0V to 5.5V
V
OUT
+15V to +75V
V
CLAMP
+55V to +118V
Case Temperature
−20˚C to 100˚C
AC Driver Electrical Characteristics
(See
Figure 4 for Test Circuit)
Unless otherwise noted: V
CC = +80VDC,VBB = +8VDC,VIN = 2.50VDC,CL = 8pF, Output = 40VPP (25-65) at 1MHz, TC = 50˚C,
V
REF = 1.735VDC, HEATSINK MUST BE GROUNDED.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
CC1MAX
V
CC Supply Current
All 3 Channels, No Output Load
32
mA
I
BBMAX
Maximum Bias Current
All 3 Channels
15
mA
V
OUTTYP
Typical DC Output Voltage
V
IN = 2.100 VDC
61
65
69
V
DC
A
VTYP
Typical DC Voltage Gain
No AC Input Signal
−52
T
RTYP
Typical Rise Time
10% to 90%, (Note 5)
7.5
ns
+OS
Overshoot on Rising Edge
5
%
t
FTYP
Typical Fall Time
90% to 10%, (Note 5)
7.5
ns
−OS
Overshoot on Falling Edge
1
%
LE
TYP
Typical Linearity Error
V
IN 2.0 VDC to 3.0 VDC, (Note 4)
6
%
Note 1: Limits of “Absolute Maximum Ratings” indicate limits below which damage to the device will not occur.
Note 2: Limits of “Operating Ratings” indicate required boundaries of conditions for which the device is functional, but is not guaranteed to meet specific performance
limits.
Note 3: All voltages are measured with respect to GND, unless otherwise specified.
Note 4: Linearity error is the variation in DC gain from VIN = 2.0V to 3.0V.
Note 5: Input from signal generator: tr,tf < 1ns.
Driver Test Circuit
Figure 4 shows the test circuit for the LM2457. This circuit allows testing of the LM2457 in a 50
Ω environment as well as with a
FET probe. The 4950
Ω resistor at the output forms a 200:1 voltage divider when connected to a 50Ω load. C
COMP is used to
flatten the frequency response of the 200:1 divider. Performance will be affected slightly by the 5K load.
DS101379-4
FIGURE 4. Test Circuit (One Channel)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com