Electronic Components Datasheet Search
  English  ▼

X  

LM2457 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2457
Description  Monolithic Triple 7.5nS CRT Driver With Integrated Clamp and G1 Blanking
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2457 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2457 Datasheet HTML 1Page - National Semiconductor (TI) LM2457 Datasheet HTML 2Page - National Semiconductor (TI) LM2457 Datasheet HTML 3Page - National Semiconductor (TI) LM2457 Datasheet HTML 4Page - National Semiconductor (TI) LM2457 Datasheet HTML 5Page - National Semiconductor (TI) LM2457 Datasheet HTML 6Page - National Semiconductor (TI) LM2457 Datasheet HTML 7Page - National Semiconductor (TI) LM2457 Datasheet HTML 8Page - National Semiconductor (TI) LM2457 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM2457
Monolithic Triple 7.5nS CRT Driver With Integrated
Clamp and G1 Blanking
General Description
The LM2457 driver is an integrated high voltage triple CRT
driver circuit designed for use in color monitor applications.
The input signal interface to the IC is a multiplexed signal
containing both clamp and video signal information, relative
to an external 1.7 VDC reference.
The IC contains three high gain, differential input, high input
impedance, wide band amplifiers which directly drive the
RGB cathodes of a CRT. Each channel has its gain internally
set to -52 and can drive CRT capacitive loads as well as
resistive loads present in other applications, limited only by
the package’s power dissipation.
Integrated with the driver is a triple video clamp circuit for DC
recovery of each of the AC coupled video outputs. The DC
clamp circuit amplifies the clamp signal that is multiplexed on
the video signal input. The DC clamp amplifiers are high
gain, differential input, high input impedance amplifiers, set-
ting a low impedance DC level at the clamp output which can
be used to restore the DC level of the cathode drive. Each
channel has a gain that is internally set to +75.
Also integrated within the package is a 43V
p-p vertical blank-
ing driver that is designed to drive the vertical retrace blank-
ing signal to the G1. This is a current limited, low impedance
output capable of driving normal G1 decoupling capaci-
tances via an external resistor.
The output of the G1 driver can also be used to drive a
voltage boost capacitor (22uF). When connected between
the G1 drive output and the 120v supply input pin, a 120v
boost supply is achieved which can be used to drive the
internal DC clamp circuit, thereby eliminating the require-
ment for a 120V clamp supply.
The IC is packaged in an industry standard 15 lead TO-220
molded plastic power package.
Features
n
7.5ns low power driver
n
Three integrated active clamp circuits
n
Integrated 120V supply and G1 vertical blank drive
circuit
n
Multiplexed signal interface to LM125X OSD Pre-amp
minimizes pin count while increasing functionality
n
External System voltage reference
n
Convenient TO-220 staggered lead package
Recommended Applications
n
1024 x 768 Resolution displays up to 85Hz refresh
n
Pixel clock frequencies up to 95MHz
n
Monitor requiring horizontal video blanking
Block Diagram
Package Pinout
DS101379-1
FIGURE 1. LM2457 Block Diagram
DS101379-2
FIGURE 2. LM2457 Package Pinout
Order Number LM2457TA
October 2000
© 2000 National Semiconductor Corporation
DS101379
www.national.com


Similar Part No. - LM2457

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
logo
Texas Instruments
LM2450 TI1-LM2450 Datasheet
3Mb / 14P
Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
logo
National Semiconductor ...
LM2451 NSC-LM2451 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
logo
Texas Instruments
LM2451 TI1-LM2451 Datasheet
3Mb / 14P
Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
logo
National Semiconductor ...
LM2451TB NSC-LM2451TB Datasheet
1Mb / 12P
220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
More results

Similar Description - LM2457

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
Monolithic Triple 3 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
Monolithic Triple 7 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
Monolithic Triple 9.5 ns CRT Driver
LM2453 NSC-LM2453 Datasheet
823Kb / 14P
Monolithic Triple 6 nS CRT Driver With Integrated Clamp and G1 Blanking
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
Monolithic Triple 7.0 ns CRT Driver
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2476 TI1-LM2476 Datasheet
1Mb / 16P
Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com