Electronic Components Datasheet Search
  English  ▼

X  

RF2L24280CB4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RF2L24280CB4
Description  280 W, 28 V, 2.4 to 2.5 GHz RF power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L24280CB4 Datasheet(HTML) 1 Page - STMicroelectronics

  RF2L24280CB4 Datasheet HTML 1Page - STMicroelectronics RF2L24280CB4 Datasheet HTML 2Page - STMicroelectronics RF2L24280CB4 Datasheet HTML 3Page - STMicroelectronics RF2L24280CB4 Datasheet HTML 4Page - STMicroelectronics RF2L24280CB4 Datasheet HTML 5Page - STMicroelectronics RF2L24280CB4 Datasheet HTML 6Page - STMicroelectronics RF2L24280CB4 Datasheet HTML 7Page - STMicroelectronics RF2L24280CB4 Datasheet HTML 8Page - STMicroelectronics RF2L24280CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
D4E
3
1
2
5
4
Pin connection
Pin
Connection
1
Drain A
2
Drain B
3
Source (bottom side)
4
Gate B
5
Gate A
Features
Order code
Frequency
VDD
POUT
Gain
Efficiency
RF2L24280CB4
2450 MHz
28 V
280 W
13 dB
60%
•
High efficiency and linear gain operations
•
Integrated ESD protection
•
Internally matched pair transistors in push-pull configuration
•
Large positive and negative gate-source voltage range for improved class C
operation
•
Excellent thermal stability, low HCI drift
•
In compliance with the European directive 2002/95/EC
Applications
•
Industrial, scientific and medical
Description
The RF2L24280CB4 is a 280 W, internally matched LDMOS FET, designed for
multiple use especially RF energy applications including cooking, heating and
medical in the frequency range from 2.4 to 2.5 GHz. It is qualified up to 32 V
operation.
Product status link
RF2L24280CB4
Product summary
Order code
RF2L24280CB4
Marking
2L24280
Package
D4E
Packing
Tray
Base/bulk quantity
20/100
280 W, 28 V, 2.4 to 2.5 GHz RF power LDMOS transistor
RF2L24280CB4
Datasheet
DS13569 - Rev 3 - September 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - RF2L24280CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF2L27015CG2 STMICROELECTRONICS-RF2L27015CG2 Datasheet
1Mb / 11P
15 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
27-Sep-2021
RF2L27025CG2 STMICROELECTRONICS-RF2L27025CG2 Datasheet
1Mb / 13P
25 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
19-Apr-2021
More results

Similar Description - RF2L24280CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF2L16080CF2 STMICROELECTRONICS-RF2L16080CF2 Datasheet
1Mb / 12P
80 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
20-Apr-2021
RF2L16180CB4 STMICROELECTRONICS-RF2L16180CB4 Datasheet
2Mb / 12P
180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor
21-Apr-2021
RF2L16180CF2 STMICROELECTRONICS-RF2L16180CF2 Datasheet
498Kb / 13P
180 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
14-Apr-2021
RF2L27015CG2 STMICROELECTRONICS-RF2L27015CG2 Datasheet
1Mb / 11P
15 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
27-Sep-2021
RF2L27025CG2 STMICROELECTRONICS-RF2L27025CG2 Datasheet
1Mb / 13P
25 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
19-Apr-2021
RF2L36040CF2 STMICROELECTRONICS-RF2L36040CF2 Datasheet
503Kb / 13P
40 W, 28 V, 2.7 to 3.6 GHz RF power LDMOS transistor
22-Apr-2021
RF2L42008CG2 STMICROELECTRONICS-RF2L42008CG2 Datasheet
1Mb / 12P
8 W, 28 V, 0.7 to 4.2 GHz RF power LDMOS transistor
27-Sep-2021
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
13-May-2021
ST16045 STMICROELECTRONICS-ST16045 Datasheet
23Mb / 13P
45 W, 28 V, 0.7 to 1.7 GHz RF Power LDMOS transistor
18-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com