Electronic Components Datasheet Search
  English  ▼

X  

RF2L24280CB4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RF2L24280CB4
Description  280 W, 28 V, 2.4 to 2.5 GHz RF power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L24280CB4 Datasheet(HTML) 4 Page - STMicroelectronics

  RF2L24280CB4 Datasheet HTML 1Page - STMicroelectronics RF2L24280CB4 Datasheet HTML 2Page - STMicroelectronics RF2L24280CB4 Datasheet HTML 3Page - STMicroelectronics RF2L24280CB4 Datasheet HTML 4Page - STMicroelectronics RF2L24280CB4 Datasheet HTML 5Page - STMicroelectronics RF2L24280CB4 Datasheet HTML 6Page - STMicroelectronics RF2L24280CB4 Datasheet HTML 7Page - STMicroelectronics RF2L24280CB4 Datasheet HTML 8Page - STMicroelectronics RF2L24280CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3
Typical performances
Figure 1. Power gain and drain efficiency vs output power at VDD = 28 V
GADG111120201652GT
11
14
13
12
16
15
10
9
40
56
54
52
50
38
48
46
44
42
70
60
50
40
30
20
10
0
2400 MHz
2450 MHz
2500 MHz
POUT (dbm)
Note:
IDQ = 10 mA, pulse width = 10 μs, duty cycle = 10%.
Figure 2. Power gain and drain efficiency vs output power at VDD = 32 V
GADG111120201713GT
11
14
13
12
16
15
10
9
40
56
54
52
50
38
48
46
44
42
POUT (dbm)
2400 MHz
2450 MHz
2500 MHz
70
60
50
40
30
20
10
0
Note:
IDQ = 10 mA, pulse width = 10 μs, duty cycle = 10%.
RF2L24280CB4
Typical performances
DS13569 - Rev 3
page 4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com