Electronic Components Datasheet Search
  English  ▼

X  

RF2L42008CG2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RF2L42008CG2
Description  8 W, 28 V, 0.7 to 4.2 GHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L42008CG2 Datasheet(HTML) 4 Page - STMicroelectronics

  RF2L42008CG2 Datasheet HTML 1Page - STMicroelectronics RF2L42008CG2 Datasheet HTML 2Page - STMicroelectronics RF2L42008CG2 Datasheet HTML 3Page - STMicroelectronics RF2L42008CG2 Datasheet HTML 4Page - STMicroelectronics RF2L42008CG2 Datasheet HTML 5Page - STMicroelectronics RF2L42008CG2 Datasheet HTML 6Page - STMicroelectronics RF2L42008CG2 Datasheet HTML 7Page - STMicroelectronics RF2L42008CG2 Datasheet HTML 8Page - STMicroelectronics RF2L42008CG2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3
Typical performance
Figure 1. Power gain and drain efficiency vs output power (3400 - 3600 MHz)
3400 MHz
3500 MHz
3600 MHz
GPS
ηD
20
25
30
35
40
45
50
55
8
9
10
11
12
13
14
15
0
2
4
6
8
10
12
14
GADG190420211819GT
POUT (dbm)
Figure 2. Power gain and drain efficiency vs output power (3700 - 3800 MHz)
20
25
30
35
40
45
50
9
10
11
12
13
14
15
0
2
4
6
8
10
12
GADG190420211851GT
POUT (dbm)
3700 MHz
3800 MHz
GPS
ηD
Note:
VDD = 28 V, IDQ = 85 mA, pulse width = 100 μs, duty cycle = 10%.
RF2L42008CG2
Typical performance
DS13240 - Rev 3
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com