Electronic Components Datasheet Search
  English  ▼

X  

RF5L05750CF2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # RF5L05750CF2
Description  750 W, 50 V, HF to 500 MHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L05750CF2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RF5L05750CF2 Datasheet HTML 2Page - STMicroelectronics RF5L05750CF2 Datasheet HTML 3Page - STMicroelectronics RF5L05750CF2 Datasheet HTML 4Page - STMicroelectronics RF5L05750CF2 Datasheet HTML 5Page - STMicroelectronics RF5L05750CF2 Datasheet HTML 6Page - STMicroelectronics RF5L05750CF2 Datasheet HTML 7Page - STMicroelectronics RF5L05750CF2 Datasheet HTML 8Page - STMicroelectronics RF5L05750CF2 Datasheet HTML 9Page - STMicroelectronics RF5L05750CF2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Table 6. Components list
Component
Value
Reference
C1, C2
10 nF (2x)
C4532X7R3D103KT000N
C3, C4
470 pF (3x)
ATC800B
C5
27 pF
DLC70B
C6-C11
100 nF
C4532X7R3D103KT000N
C12
20 pF
DLC70B
C13
68 pF
ATC800B
C23, C14, C55, C16
3.9 pF
DLC70B
C17, C18, C19, C20
10 μF
100 V ceramic capacitor
C21, C22
2200 μF
63 V electrolitic capacitor
C24
10 pF
ATC800B
R1, R2
16 Ω
0805 chip resistor
R3, R4
470 Ω
0805 chip resistor
T1
50 Ω 150 mm
SFF-50-1.5
T2, T3
25 Ω line length =150 mm 9:1
SFF-25-1.5
T4, T5
12.5 Ω line length = 150 mm 9:1
SFF-12.5-1.5
T6
50 Ω 150 mm
RG402-3
L1, L2
4tums Φ1 mm
PCB
0.762 mm (0.030'') thick, ɛr = 3.48, Rogers RO4350B
RF5L05750CF2
Test circuits
DS13746 - Rev 2
page 6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com