Electronic Components Datasheet Search
  English  ▼

X  

RF5L05750CF2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RF5L05750CF2
Description  750 W, 50 V, HF to 500 MHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L05750CF2 Datasheet(HTML) 4 Page - STMicroelectronics

  RF5L05750CF2 Datasheet HTML 1Page - STMicroelectronics RF5L05750CF2 Datasheet HTML 2Page - STMicroelectronics RF5L05750CF2 Datasheet HTML 3Page - STMicroelectronics RF5L05750CF2 Datasheet HTML 4Page - STMicroelectronics RF5L05750CF2 Datasheet HTML 5Page - STMicroelectronics RF5L05750CF2 Datasheet HTML 6Page - STMicroelectronics RF5L05750CF2 Datasheet HTML 7Page - STMicroelectronics RF5L05750CF2 Datasheet HTML 8Page - STMicroelectronics RF5L05750CF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3
Typical performances
Figure 1. Power gain and drain efficiency vs output power (f = 108 MHz)
35
40
45
50
55
60
65
70
75
80
85
15
16
17
18
19
20
21
22
23
24
25
54
55
56
57
58
59
60
61
62
POUT (dbm)
GPS
ηD
GADG201220211228GT
Note:
1.
VDD = 50 V, IDQ = 200 mA, pulse width = 100 μs, duty cycle = 10%.
2.
Measured on 88-108 MHz wideband test board with two RF5L05750CF2 devices connected in push-pull.
RF5L05750CF2
Typical performances
DS13746 - Rev 2
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com