Electronic Components Datasheet Search
  English  ▼

X  

74HC/HCT283 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC/HCT283
Description  4-bit binary full adder with fast carry
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC/HCT283 Datasheet(HTML) 7 Page - NXP Semiconductors

  74HC/HCT283 Datasheet HTML 1Page - NXP Semiconductors 74HC/HCT283 Datasheet HTML 2Page - NXP Semiconductors 74HC/HCT283 Datasheet HTML 3Page - NXP Semiconductors 74HC/HCT283 Datasheet HTML 4Page - NXP Semiconductors 74HC/HCT283 Datasheet HTML 5Page - NXP Semiconductors 74HC/HCT283 Datasheet HTML 6Page - NXP Semiconductors 74HC/HCT283 Datasheet HTML 7Page - NXP Semiconductors 74HC/HCT283 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
December 1990
7
Philips Semiconductors
Product specification
4-bit binary full adder with fast carry
74HC/HCT283
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
CIN
B2, A2, A1
B1
1.50
1.00
0.40
B4, A4, A3, B3
0.50
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CIN to ∑1
18
31
39
47
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
CIN to ∑2
25
43
54
65
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
CIN to ∑3
27
46
58
69
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
CIN to ∑4
31
53
66
80
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
An or Bn to ∑n
29
49
61
74
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
CIN to COUT
27
46
58
69
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
An or Bn to COUT
28
48
60
72
ns
4.5
Fig.6
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com