Electronic Components Datasheet Search
  English  ▼

X  

74HC/HCT283 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC/HCT283
Description  4-bit binary full adder with fast carry
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC/HCT283 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC/HCT283 Datasheet HTML 1Page - NXP Semiconductors 74HC/HCT283 Datasheet HTML 2Page - NXP Semiconductors 74HC/HCT283 Datasheet HTML 3Page - NXP Semiconductors 74HC/HCT283 Datasheet HTML 4Page - NXP Semiconductors 74HC/HCT283 Datasheet HTML 5Page - NXP Semiconductors 74HC/HCT283 Datasheet HTML 6Page - NXP Semiconductors 74HC/HCT283 Datasheet HTML 7Page - NXP Semiconductors 74HC/HCT283 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
December 1990
2
Philips Semiconductors
Product specification
4-bit binary full adder with fast carry
74HC/HCT283
FEATURES
• High-speed 4-bit binary addition
• Cascadable in 4-bit increments
• Fast internal look-ahead carry
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT283 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT283 add two 4-bit binary words (An plus Bn)
plus the incoming carry. The binary sum appears on the
sum outputs (
∑1 to ∑4) and the out-going carry (COUT)
according to the equation:
CIN + (A1 + B1) + 2(A2 + B2) ++4(A3 + B3) + 8(A4 + B4)=
=
∑1 + 2∑2 + 4∑3 + 8∑4 + 16COUT
Where (
+) = plus.
Due to the symmetry of the binary add function, the “283”
can be used with either all active HIGH operands (positive
logic) or all active LOW operands (negative logic); see
function table. In case of all active LOW operands the
results
∑1 to ∑4 and COUT should be interpreted also as
active LOW. With active HIGH inputs, CIN must be held
LOW when no “carry in” is intended. Interchanging inputs
of equal weight does not affect the operation, thus CIN, A1,
B1 can be assigned arbitrarily to pins 5, 6, 7, etc.
See the “583” for the BCD version.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL = 15 pF; VCC =5 V
CIN to ∑1
16
15
ns
CIN to ∑2
18
21
ns
CIN to ∑3
20
23
ns
CIN to ∑4
23
27
ns
An or Bn to ∑n
21
25
ns
CIN to COUT
20
23
ns
An or Bn to COUT
20
24
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per package
notes 1 and 2
88
92
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com