Electronic Components Datasheet Search
  English  ▼

X  

78L05AC Datasheet(PDF) 1 Page - Silicon Supplies

Part # 78L05AC
Description  Positive Fixed 5V Voltage Regulator in bare die form
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

78L05AC Datasheet(HTML) 1 Page - Silicon Supplies

  78L05AC Datasheet HTML 1Page - Silicon Supplies 78L05AC Datasheet HTML 2Page - Silicon Supplies 78L05AC Datasheet HTML 3Page - Silicon Supplies 78L05AC Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Linear Voltage Regulator – 78L05AC
Positive Fixed 5V Voltage Regulator in bare die form
Rev 1.0
06/07/22
Features:
±5% VOUT tolerance over entire temperature range
100mA Output Current
Internal thermal overload protection
Internal short circuit current limit
Full military temperature range
Industry smallest die size
Negative Voltage complement is 79L05AC
Ordering Information
The 78L05AC is a 5V fixed 3-terminal voltage regulator
delivering up to 100mA of output current and equipped
with internal limiting + thermal shutdown features for
overload immunity. Implementing this device at point-
of-source removes the complexity of single point
regulation methods with reduced noise. Used in
replacement of a Zener diode/resistor combination, the
device improves output impedance by x2 order of
magnitude and delivers lower bias current with lower
noise. The 78L05AC can be used with power-pass
elements to make high-current voltage regulators
.
Description
Die Dimensions in µm (mils)
640 (25)
The following part suffixes apply:
Die Size (Unsawn)
640 x 650
25.20 x 25.59
µm
mils
Minimum Bond Pad Size
90 x 90
3.54x 3.54
µm
mils
Die Thickness
280 (±20)
11 (±0.8)
µm
mils
Top Metal Composition
Al 1%Si 1.4µm
Back Metal Composition
N/A – Bare Si
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
With Ti/Ni/Ag Back Metal – On request
In Metal or Ceramic package – On request
Page 1 of 4
www.siliconsupplies.com


Similar Part No. - 78L05AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78L05AC ETC1-78L05AC Datasheet
84Kb / 7P
The Linear ICs Three-Terminal Low Current Positive Voltage Regulators
logo
Silicon Supplies
78L05AC SS-78L05AC Datasheet
364Kb / 4P
Linear Voltage Regulator
78L05AC SS-78L05AC Datasheet
282Kb / 4P
Linear Voltage Regulator
Rev 1.0 06/07/22
logo
List of Unclassifed Man...
78L05ACD ETC-78L05ACD Datasheet
81Kb / 7P
Three-Terminal Low Current Positive Voltage Regulators
78L05ACD ETC1-78L05ACD Datasheet
84Kb / 7P
The Linear ICs Three-Terminal Low Current Positive Voltage Regulators
More results

Similar Description - 78L05AC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SE78L05 ETC-SE78L05 Datasheet
164Kb / 5P
5V POSITIVE VOLTAGE REGULATOR
SG7800A ETC1-SG7800A Datasheet
110Kb / 7P
POSITIVE FIXED VOLTAGE REGULATOR
logo
Seaward Electronics Inc...
SE78L05D SEAWARD-SE78L05D Datasheet
166Kb / 5P
5V Positive Voltage Regulator
logo
Silicon Supplies
BZX55C10 SS-BZX55C10 Datasheet
313Kb / 3P
Silicon P lanar Zener diode in bare die form
54LVC1G34 SS-54LVC1G34 Datasheet
527Kb / 6P
Single Buffer Gate in bare die form
74LVC1G34 SS-74LVC1G34 Datasheet
484Kb / 6P
Single Buffer Gate in bare die form
SIS5219A SS-SIS5219A_V01 Datasheet
4Mb / 8P
Positive Adjustable 1A Low-Dropout Voltage Regulator in bare die form
Rev 1.1 30/03/22
SIS1084L-3.3V SS-SIS1084L-3.3V Datasheet
339Kb / 4P
Positive Fixed 3.3V Output Low Dropout Voltage Regulator in bare die form
Rev 1.0 10/05/22
78L05 SS-78L05_V01 Datasheet
295Kb / 4P
Positive Fixed 5V Voltage Regulator in bare die form
Rev 1.0 06/07/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com